Electronic Components Datasheet Search
  English  ▼

X  

56F8366 Datasheet(PDF) 176 Page - Freescale Semiconductor, Inc

Part # 56F8366
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8366 Datasheet(HTML) 176 Page - Freescale Semiconductor, Inc

Back Button 56F8366 Datasheet HTML 172Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 173Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 174Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 175Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 176Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 177Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 178Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 179Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 180Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 184 page
background image
56F8366 Technical Data, Rev. 6
176
Freescale Semiconductor
Preliminary
Figure 11-3 144-pin LQFP Mechanical Information
Please see www.freescale.com for the most current case outline.
D
0.20 H B-C
144
GAGE PLANE
73
109
37
SEATING
108
1
36
72
PLANE
4X
4X 36 TIPS
PIN 1
INDEX
VIEW A
E1
E1/2
E/2
D1/2
D/2
E
e/2
e
D1
D
0.1
A
2
θ
VIEW B
A
A
140X
4X
VIEW A
PLATING
b1
c1
c
b
BASE
METAL
SECTION A-A
(ROTATED 90 )
144 PLACES
°
D
0.08 M AB-C
θ
DIM
D1
MIN
MAX
20.00 BSC
MILLIMETERS
E1
20.00 BSC
A
---
1.60
A1
0.05
0.15
A2
1.35
1.45
b
0.17
0.27
L
0.45
0.75
b1
0.17
0.23
e
0.50 BSC
c
0.09
0.20
L2
0.50 REF
R1
0.13
0.20
R2
0.13
---
D
22.00 BSC
E
22.00 BSC
S
0.25 REF
L1
1.00 REF
c1
0.09
0.16
θ
0
7
θ
0
---
θ
1
2
NOTES:
1.
ALL DIMENSIONS ARE IN MILLIMETERS.
2.
INTERPRET DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
3.
DATUMS B, C AND D TO BE DETERMINED AT DATUM
H.
4.
THE TOP PACKAGE BODY SIZE MAY BE SMALLER
THAN THE BOTTOM PACKAGE SIZE BY A MAXIMUM
OF 0.1 mm.
5.
DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD
PROTRUSIONS. THE MAXIMUM ALLOWABLE
PROTRUSION IS 0.25 mm PER SIDE. D1 AND E1 ARE
MAXIMUMBODYSIZE DIMENSIONSINCLUDINGMOLD
MISMATCH.
6.
DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. PROTRUSIONS SHALL NOT CAUSE
THE LEAD WIDTH TO EXCEED 0.35. MINIMUM SPACE
BETWEEN PROTRUSION AND AN ADJACENT LEAD
SHALL BE 0.07 mm.
7.
DIMENSIONS D AND E TO BE DETERMINED AT THE
SEATING PLANE, DATUM A.
CASE 918 03
°
°
°
°
0.05
CL
L1
R2
L
A2
S
R1
L2
A1
1
θ
0.25
VIEW B
D
0.20 A B-C
C
B
D
A
A 144X
X
X=B, C or D
8X
12 REF
4
TOP VIEW
5
7
4
5
7
SIDE VIEW
H
6
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com