| Electronic Components Datasheet Search |
|
SAA7740 Datasheet(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SAA7740 Datasheet(HTML) 6 Page - NXP Semiconductors |
|
6 / 28 page ![]() 1997 May 30 6 Philips Semiconductors Product specification Digital Audio Processing IC (DAPIC) SAA7740H GENERAL DESCRIPTION The SAA7740H is a function-specific digital signal processor. The device is capable of performing processing for listening-environments such as equalization, hall-effects, reverberation, surround-sound and digital volume/balance control. The SAA7740H can also be reconfigured (in a dual and quad filter mode) so that it can be used as a digital filter with programmable characteristics. For reasons of silicon efficiency, the SAA7740H realises most functions directly in hardware. The flexibility exists in the possibility to download function parameters, correction coefficients and various configurations from a host microcontroller (see Fig.1). The parameters can be passed in real time and all functions can be switched on simultaneously. The communication with a host microcontroller conforms with the standard I2C-bus format. The SAA7740H accepts 2 digital stereo signals in the I2S-bus format at audio sampling frequency (fas) and provides 2 digital stereo outputs. Mode description The SAA7740H can be set in four basic modes of operation. GENERAL DAPIC MODE In the general DAPIC mode two variants are available (see Figs 3 and 4). In this mode the DAPIC accepts 2 stereo input signals. DC filtering is performed on the inputs before further processing. On one of the stereo inputs a 5-band graphic equalization can be performed. The stereo image of this signal can be controlled from mono to stereo. In the first variant (see Fig.3) a stereo hall-effect can be added to the signal by means of direct reflections. In the second variant (see Fig.4) a reverberation effect can be added to the signal by means of exponential decaying reflections. Surround-sound can then be created for the rear loudspeakers. The surround-sound module is also able to provide karaoke. The surround-sound module accepts the second stereo input, a microphone signal can be added via the 5-band equalizer. At the output, each of the 4 channels can be individually delayed via the external DRAM. The interfacing and addressing of the DRAM is performed by the DAPIC. The applications for the general mode are digital amplifiers, audio combination sets and TV audio channels. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |