Electronic Components Datasheet Search
  English  ▼

X  

SAA7740 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SAA7740
Description  Digital Audio Processing IC DAPIC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7740 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SAA7740 Datasheet HTML 12Page - NXP Semiconductors SAA7740 Datasheet HTML 13Page - NXP Semiconductors SAA7740 Datasheet HTML 14Page - NXP Semiconductors SAA7740 Datasheet HTML 15Page - NXP Semiconductors SAA7740 Datasheet HTML 16Page - NXP Semiconductors SAA7740 Datasheet HTML 17Page - NXP Semiconductors SAA7740 Datasheet HTML 18Page - NXP Semiconductors SAA7740 Datasheet HTML 19Page - NXP Semiconductors SAA7740 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
1997 May 30
16
Philips Semiconductors
Product specification
Digital Audio Processing IC (DAPIC)
SAA7740H
DC CHARACTERISTICS
VDD = 4.5 to 5.5 V; Tamb =−40 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDn
DC supply voltage (pins 7, 8,
26, 32, 38, 53, 54 and 60)
4.5
5.0
5.5
V
IDD(tot)
total of all DC supply current
pins
fxtal = 16.9344 MHz
−
60
−
mA
Ptot
total power dissipation
fxtal = 16.9344 MHz
−
300
−
mW
VIH
HIGH level input voltage
(pins 1, 3, 4, 11, 12, 15, 16,
36, 37, 41 to 45, 47 to 49, 51,
52, 62 and 64)
0.7VDD
−−
V
VIL
LOW level input voltage
(pins 1, 3, 4, 11, 12, 15, 16,
36, 37, 41 to 45, 47 to 49, 51,
52, 62 and 64)
−−
0.3VDD
V
Vth(pos)
Schmitt trigger positive-going
threshold (pin 2)
−−
0.8VDD
V
Vth(neg)
Schmitt trigger negative-going
threshold (pin 2)
0.2VDD
−−
V
Vhys
hysteresis voltage (pin 2)
−
0.33VDD
−
V
VOH
HIGH level output voltage
(pins 10 to 12, 14 to 24, 27 to
31, 33 to 35 and 63)
VDD = 4.5 V; IO =4mA
4.0
−−
V
VOL
LOW level output voltage
(pins 3, 10 to 12, 14 to 24, 27
to 31, 33 to 35 and 63)
VDD = 4.5 V; IO =4mA
−−
0.5
V
ILI
input leakage current
(pins 1, 2, 4, 36, 37, 41 to 45,
47 to 49, 51, 52 and 62)
VDD = 0 or 5.5 V
−−
±1
µA
IZO
output leakage current; 3-state
(pins 3, 11, 12, 15 and 16)
VDD = 0 or 5.5 V
−−
±5
µA
Rpd
internal pull-down resistance
to VSS (pin 64)
VI =VDD
17
−
134
k
Ω
tr(i)
input rise time
VDD = 5.5 V
−
6
200
ns
tf(i)
input fall time
VDD = 5.5 V
−
6
200
ns
tr(o)
output rise time for
LOW-to-HIGH transition
VDD = 4.5 V; Tamb =85 °C;
CL = pF; pins 11, 12, 15 and 16
−−
9.5 + 0.4CL
ns
VDD = 4.5 V; Tamb =85 °C;
CL = pF; pins 10, 14, 17 to 24,
27 to 31, 33 to 35 and 63
−−
8.5 + 0.4CL
ns
tf(o)
output fall time for
HIGH-to-LOW transition
VDD = 4.5 V; Tamb =85 °C;
CL = pF; pins 11, 12, 15 and 16
−−
11 + 0.5CL
ns
VDD = 4.5 V; Tamb =85 °C;
CL = pF; pins 10, 14, 17 to 24,
27 to 31, 33 to 35 and 63
−−
9.0 + 0.5CL
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com