Electronic Components Datasheet Search
  English  ▼

X  

SAA7740 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SAA7740
Description  Digital Audio Processing IC DAPIC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7740 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SAA7740 Datasheet HTML 11Page - NXP Semiconductors SAA7740 Datasheet HTML 12Page - NXP Semiconductors SAA7740 Datasheet HTML 13Page - NXP Semiconductors SAA7740 Datasheet HTML 14Page - NXP Semiconductors SAA7740 Datasheet HTML 15Page - NXP Semiconductors SAA7740 Datasheet HTML 16Page - NXP Semiconductors SAA7740 Datasheet HTML 17Page - NXP Semiconductors SAA7740 Datasheet HTML 18Page - NXP Semiconductors SAA7740 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
1997 May 30
15
Philips Semiconductors
Product specification
Digital Audio Processing IC (DAPIC)
SAA7740H
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Human body model: C = 100 pF; R = 1.5 k
Ω.
2. Machine model: C = 200 pF; L = 2.5
µH; R = 0 Ω.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
DC supply voltage
(each supply pin)
−0.5
+6.5
V
∆VDD
voltage difference between VDD
and VDDX
−
550
mV
IIK
DC input clamp diode current
VI <−0.5 V or VI >VDD + 0.5 V
−±10
mA
IOK
DC output clamp diode current
(output type 4 mA)
VO < −0.5 V or
VO >VDD + 0.5 V
−±20
mA
IO
DC output sink or source
current (output type 4 mA)
−0.5 < V
O <VDD + 0.5 V
−±20
mA
IDD
DC supply current per pin
−
50
mA
ISS
DC supply current per pin
−
50
mA
LTCH
latch-up protection
CIC specification/test method
100
−
mA
PO
power dissipation per output
−
100
mW
Ptot
total power dissipation
−
1W
Tstg
storage temperature
−65
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Ves
electrostatic discharge
note 1
−3000
+3000
V
note 2
−300
+300
V
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
47
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com