Electronic Components Datasheet Search
  English  ▼

X  

SAA7740 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SAA7740
Description  Digital Audio Processing IC DAPIC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7740 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SAA7740 Datasheet HTML 10Page - NXP Semiconductors SAA7740 Datasheet HTML 11Page - NXP Semiconductors SAA7740 Datasheet HTML 12Page - NXP Semiconductors SAA7740 Datasheet HTML 13Page - NXP Semiconductors SAA7740 Datasheet HTML 14Page - NXP Semiconductors SAA7740 Datasheet HTML 15Page - NXP Semiconductors SAA7740 Datasheet HTML 16Page - NXP Semiconductors SAA7740 Datasheet HTML 17Page - NXP Semiconductors SAA7740 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
1997 May 30
14
Philips Semiconductors
Product specification
Digital Audio Processing IC (DAPIC)
SAA7740H
DRAM interface
The DRAM interface contains a nibble wide data bus, a
9-bit wide address bus and all necessary control signals to
enable the different DRAM configurations.
Timing of the control signals RAS, CAS, CAS2, A8B, OE
and WE is related to the applied clock frequency of the
DAPIC. The important timing parameters are the page
mode cycle time (tcy;CAS), the access time (tacc;RAS), the
refreshing rate and the maximum value for RAS to CAS
delay time (tdRAS;CAS) (see Chapter “Timing
characteristics” and Fig.10). A read/write operation will
always be executed in the page mode (one row address
and four column addresses) because every data transfer
consists of 4 nibbles.
The refresh time of the DRAM (trfsh) must be greater than;
where ‘addr’ is the number of physical address lines and
fas is measured in kHz.
t
rfsh
2addr
3f
as
-------------


ms
>
For fast DRAMs, the maximum value for RAS to CAS
delay time (tdRAS;CAS) is important.
Different DRAM combinations can be connected to the
DAPIC. The smallest DRAM is a 64
× 4-bit (256 kbits)
RAM. For this configuration, 16K data words can be
stored. When this RAM is connected to the DAPIC, the
MSB address signal (A8) can be felt floating.
The DAPIC can address up to 1 Mbit DRAMs. However,
RAMs greater than 1 Mbit can also be connected. This,
therefore, implies that the redundant address lines of the
RAM must be fixed to VDD or VSS or must be joined with
one of the other address pins.
The choice of a 256 kbit or a 1 Mbit DRAM device must be
indicated by a flag bit residing in the start address control
word of the different delay lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com