Electronic Components Datasheet Search
  English  ▼

X  

SAA7740 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SAA7740
Description  Digital Audio Processing IC DAPIC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7740 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SAA7740 Datasheet HTML 19Page - NXP Semiconductors SAA7740 Datasheet HTML 20Page - NXP Semiconductors SAA7740 Datasheet HTML 21Page - NXP Semiconductors SAA7740 Datasheet HTML 22Page - NXP Semiconductors SAA7740 Datasheet HTML 23Page - NXP Semiconductors SAA7740 Datasheet HTML 24Page - NXP Semiconductors SAA7740 Datasheet HTML 25Page - NXP Semiconductors SAA7740 Datasheet HTML 26Page - NXP Semiconductors SAA7740 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
1997 May 30
23
Philips Semiconductors
Product specification
Digital Audio Processing IC (DAPIC)
SAA7740H
APPLICATION INFORMATION
Clock circuit and oscillator
The clock generation of the SAA7740H is designed to
accommodate two main modes, the master and the slave.
In the master mode, the DAPIC is the master in the
system. The clock is generated by connecting a crystal to
the oscillator pins CLK1/XTAL1 and XTAL2 (see Fig.16).
In the slave mode, the DAPIC is supplied as a slave.
The external clock should be connected to the oscillator at
pin CLK1/XTAL1 (see Fig.17).
Crystal oscillator supply
The power supply for the oscillator is separate from the
other supply line. This is to minimize feedback from the
ground bounce of the IC to the oscillator. Pin VSSX is the
ground supply and VDDX is the positive supply.
Power supply connection and EMC
The SAA7740H has in total 8 positive supply lines (VDD)
including VDDX, and 8 ground supply lines (VSS) including
VSSX. For correct current distribution all positive supply
lines should be connected together on the printed
circuit-board. The ground supply lines should also be
connected together on the printed circuit-board.
To minimize radiation the IC should be placed on a
double-layer printed circuit-board with a large ground
plane on one side. The ground supply lines should have a
short connection to the ground plane. An LC network in the
positive supply lines can be used as a high frequency filter.
Test mode connections
Pins SCCLK, TSTCLK, TST1, TST2 and TST3 are used to
put the IC in the test mode and to test the internal
connections. In the application these pins must be
connected to ground.
Fig.16 Master mode.
handbook, halfpage
MLC164
R1
CLK1/XTAL1
XTAL2
C1
C2
56
59
10 pF
10 pF
100
k
Ω
Fig.17 Slave mode.
handbook, halfpage
MLC165
R1
CLK1/XTAL1
XTAL2
C1
C2
C3
56
59
max 1 V (p-p)
external
clock
10 pF
30 pF
100
k
Ω
10
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com