Electronic Components Datasheet Search
  English  ▼

X  

SAF7113 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # SAF7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7113 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button SAF7113 Datasheet HTML 47Page - NXP Semiconductors SAF7113 Datasheet HTML 48Page - NXP Semiconductors SAF7113 Datasheet HTML 49Page - NXP Semiconductors SAF7113 Datasheet HTML 50Page - NXP Semiconductors SAF7113 Datasheet HTML 51Page - NXP Semiconductors SAF7113 Datasheet HTML 52Page - NXP Semiconductors SAF7113 Datasheet HTML 53Page - NXP Semiconductors SAF7113 Datasheet HTML 54Page - NXP Semiconductors SAF7113 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 80 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Note
1. All unused control bits must be programmed with logic 0 to ensure compatibility to future enhancements.
AC1
40
FISET
HAM_N
FCE
HUNT_N
(1)
CLKSEL1
CLKSEL0
(1)
LCR2
41
LCR02_7
LCR02_6
LCR02_5
LCR02_4
LCR02_3
LCR02_2
LCR02_1
LCR02_0
LCR3 to LCR23
42 to 56
LCRN_7
LCRN_6
LCRN_5
LCRN_4
LCRN_3
LCRN_2
LCRN_1
LCRN_0
LCR24
57
LCR24_7
LCR24_6
LCR24_5
LCR24_4
LCR24_3
LCR24_2
LCR24_1
LCR24_0
FC
58
FC7
FC6
FC5
FC4
FC3
FC2
FC1
FC0
HOFF
59
HOFF7
HOFF6
HOFF5
HOFF4
HOFF3
HOFF2
HOFF1
HOFF0
VOFF
5A
VOFF7
VOFF6
VOFF5
VOFF4
VOFF3
VOFF2
VOFF1
VOFF0
HVOFF
5B
FOFF
(1)
(1)
VOFF8
(1)
HOFF10
HOFF9
HOFF8
For testability
5C
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
Reserved
5D
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
Sliced data identification code
SDID
5E
(1)
(1)
SDID5
SDID4
SDID3
SDID2
SDID1
SDID0
Reserved
5F
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
DR (read only)
60
−
FC8V
FC7V
VPSV
PPV
CCV
−−
LN1 (read only)
61
−−
F21_N
LN8
LN7
LN6
LN5
LN4
LN2 (read only)
62
LN3
LN2
LN1
LN0
DT3
DT2
DT1
DT0
Reserved for future extensions 63 to FF
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
REGISTER FUNCTION
SUB-
ADDR.
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com