Electronic Components Datasheet Search
  English  ▼

X  

SAF7113 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # SAF7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7113 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button SAF7113 Datasheet HTML 62Page - NXP Semiconductors SAF7113 Datasheet HTML 63Page - NXP Semiconductors SAF7113 Datasheet HTML 64Page - NXP Semiconductors SAF7113 Datasheet HTML 65Page - NXP Semiconductors SAF7113 Datasheet HTML 66Page - NXP Semiconductors SAF7113 Datasheet HTML 67Page - NXP Semiconductors SAF7113 Datasheet HTML 68Page - NXP Semiconductors SAF7113 Datasheet HTML 69Page - NXP Semiconductors SAF7113 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 80 page
background image
2000 May 08
66
Philips Semiconductors
Product specification
9-bit video input processor
SAF7113H
15.2.20 SUBADDRESS 13H
Table 51 Output control SA 13, D7, D4, D3, D1 and D0
Note
1. Analog-to-digital converter selection via MODE3 to MODE0 (subaddress 02H; see Figs 35 to 38).
FUNCTION
BIT
LOGIC LEVEL
DATA BIT
Analog test select (AOSL)
AOUT connected to internal test point 1
AOSL1
0
D1
AOSL0
0
D0
AOUT connected to input AD1
AOSL1
0
D1
AOSL0
1
D0
AOUT connected to input AD2
AOSL1
1
D1
AOSL0
0
D0
AOUT connected to internal test point 2
AOSL1
1
D1
AOSL0
1
D0
Field ID polarity if selected on RTS1 or RTS0 outputs if RTSE1, RTSE0 (subaddress 12H) are set to 1111
Default
FIDP
0
D3
Inverted
FIDP
1
D3
Selection bit for status byte functionality OLDSB
Default status information; see Table 55
OLDSB
0
D4
Old status information, for compatibility
reasons; see Table 55
OLDSB
1
D4
Analog-to-digital converter output bits on VPO7 to VPO0 in bypass mode (VIPB = 1, used for test purposes)
ADLSB; note 1
AD8 to AD1 (MSBs) on VPO7 to VPO0
ADLSB
0
D7
AD7 to AD0 (LSBs) on VPO7 to VPO0
ADLSB
1
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com