Electronic Components Datasheet Search
  English  ▼

X  

SAF7113 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # SAF7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7113 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button SAF7113 Datasheet HTML 58Page - NXP Semiconductors SAF7113 Datasheet HTML 59Page - NXP Semiconductors SAF7113 Datasheet HTML 60Page - NXP Semiconductors SAF7113 Datasheet HTML 61Page - NXP Semiconductors SAF7113 Datasheet HTML 62Page - NXP Semiconductors SAF7113 Datasheet HTML 63Page - NXP Semiconductors SAF7113 Datasheet HTML 64Page - NXP Semiconductors SAF7113 Datasheet HTML 65Page - NXP Semiconductors SAF7113 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
2000 May 08
62
Philips Semiconductors
Product specification
9-bit video input processor
SAF7113H
Table 45 VREF pulse position and length VRLN SA 10 (D3)
Note
1. The numbers given in parenthesis refer to ITU line counting.
Table 46 Fine position of HS HDEL0 and HDEL1 SA 10 (D5 and D4)
Table 47 Output format selection OFTS0 and OFTS1 SA 10 (D7 and D6); see Tables 6 and 7
VRLN
VREF AT 60 Hz 525 LINES
VREF AT 50 Hz 625 LINES
01
0
1
Length
240
242
286
288
Line number
first
last
first
last
first
last
first
last
Field 1(1)
19 (22)
258 (261)
18 (21)
259 (262)
24
309
23
310
Field 2(1)
282 (285)
521 (524)
281 (284)
522 (525)
337
622
336
623
FINE POSITION OF HS (STEPS IN 2/LLC)
CONTROL BITS D5 AND D4
HDEL1
HDEL0
00
0
10
1
21
0
31
1
V-FLAG GENERATION IN
SAV/EAV-CODES
CONTROL BITS D7 AND D6
OFTS1
OFTS0
Standard ITU 656-format
0
0
V-flag in SAV/EAV is generated by VREF
0
1
V-flag in SAV/EAV is generated by data-type
1
0
Reserved
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com