Electronic Components Datasheet Search
  English  ▼

X  

SAF7113 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # SAF7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7113 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button SAF7113 Datasheet HTML 59Page - NXP Semiconductors SAF7113 Datasheet HTML 60Page - NXP Semiconductors SAF7113 Datasheet HTML 61Page - NXP Semiconductors SAF7113 Datasheet HTML 62Page - NXP Semiconductors SAF7113 Datasheet HTML 63Page - NXP Semiconductors SAF7113 Datasheet HTML 64Page - NXP Semiconductors SAF7113 Datasheet HTML 65Page - NXP Semiconductors SAF7113 Datasheet HTML 66Page - NXP Semiconductors SAF7113 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
2000 May 08
63
Philips Semiconductors
Product specification
9-bit video input processor
SAF7113H
15.2.18 SUBADDRESS 11H
Table 48 Output control 1 SA 11
FUNCTION
BIT
LOGIC LEVEL DATA BIT
Colour on (COLO)
Automatic colour killer
COLO
0
D0
Colour forced on
COLO
1
D0
YUV decoder bypassed (VIPB)
Processed data to VPO output
VIPB
0
D1
ADC data to VPO output; dependent on mode settings
VIPB
1
D1
Output enable real-time (OERT)
RTS0, RTS1, RTCO high-impedance inputs
OERT
0
D2
RTS0, RTCO active, RTS1 active, if RTSE13 to RTSE10 = 0000
OERT
1
D2
Output enable YUV data (OEYC)
VPO-bus high-impedance
OEYC
0
D3
Output VPO-bus active or controlled by RTS1; see Table 19
OEYC
1
D3
Selection of horizontal lock indicator for RTS0, RTS1 outputs
Standard horizontal lock indicator (low-passed)
HLSEL
0
D4
Fast lock indicator (use is recommended only for high performance input
signals)
HLSEL
1
D4
General purpose switch [available on pin RTS0, if control byte RTSE03 to RTSE00 (subaddress 12H) is set to
0010]
LOW
GPSW0
0
D5
HIGH
GPSW0
1
D5
CM99 compatibility to SAA7199 (CM99)
Default value
CM99
0
D6
To be set only if SAA7199 (digital encoder) is used for re-encoding in
conjunction with RTCO
CM99
1
D6
General purpose switch [available on pin RTS1, if control byte RTS103 to RTS100 (subaddress 12H) is set to
0010]
LOW
GPSW1
0
D7
HIGH
GPSW1
1
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com