Electronic Components Datasheet Search
  English  ▼

X  

SAF7113 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # SAF7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7113 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button SAF7113 Datasheet HTML 57Page - NXP Semiconductors SAF7113 Datasheet HTML 58Page - NXP Semiconductors SAF7113 Datasheet HTML 59Page - NXP Semiconductors SAF7113 Datasheet HTML 60Page - NXP Semiconductors SAF7113 Datasheet HTML 61Page - NXP Semiconductors SAF7113 Datasheet HTML 62Page - NXP Semiconductors SAF7113 Datasheet HTML 63Page - NXP Semiconductors SAF7113 Datasheet HTML 64Page - NXP Semiconductors SAF7113 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
2000 May 08
61
Philips Semiconductors
Product specification
9-bit video input processor
SAF7113H
15.2.16 SUBADDRESS 0FH
Table 42 Chrominance gain control SA 0F (D6 to D0)
Table 43 Chrominance gain control SA 0F (D7)
15.2.17 SUBADDRESS 10H
Table 44 Format/delay control SA 10 (D2 to D0)
Clear DTO (CDTO)
Disabled
CDTO
0
D7
Every time CDTO is set, the internal subcarrier DTO phase is reset to
0
° and the RTCO output generates a logic 0 at time slot 68 (see
external document
“RTC Functional Description”, available on
request). So an identical subcarrier phase can be generated by an
external device (e.g. an encoder).
CDTO
1
D7
CHROMINANCE GAIN VALUE
(IF ACGC IS SET TO LOGIC 1)
CONTROL BITS D6 TO D0
CGAIN6
CGAIN5
CGAIN4
CGAIN3
CGAIN2
CGAIN1
CGAIN0
Minimum gain (0.5)
0
000000
Nominal gain (1.125)
0
100100
Maximum gain (7.5)
1
111111
AUTOMATIC CHROMINANCE GAIN CONTROL ACGC
D7
ACGC
On
0
Programmable gain via CGAIN6 to CGAIN0
1
LUMINANCE DELAY
COMPENSATION (STEPS IN 2/LLC)
CONTROL BITS D2 TO D0
YDEL2
YDEL1
YDEL0
−4...
1
0
0
...0...
0
0
0
...3
0
1
1
FUNCTION
CHBW/CSTD
BIT
LOGIC
LEVEL
DATA BIT
50 Hz
60 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com