Electronic Components Datasheet Search
  English  ▼

X  

SAF7113 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # SAF7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7113 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button SAF7113 Datasheet HTML 52Page - NXP Semiconductors SAF7113 Datasheet HTML 53Page - NXP Semiconductors SAF7113 Datasheet HTML 54Page - NXP Semiconductors SAF7113 Datasheet HTML 55Page - NXP Semiconductors SAF7113 Datasheet HTML 56Page - NXP Semiconductors SAF7113 Datasheet HTML 57Page - NXP Semiconductors SAF7113 Datasheet HTML 58Page - NXP Semiconductors SAF7113 Datasheet HTML 59Page - NXP Semiconductors SAF7113 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 80 page
background image
2000 May 08
56
Philips Semiconductors
Product specification
9-bit video input processor
SAF7113H
15.2.6
SUBADDRESS 05H
Table 32 Gain control analog (AICO4); static gain control channel 2 GAI2 SA 05, D7 to D0
15.2.7
SUBADDRESS 06H
Table 33 Horizontal sync begin SA 06, D7 to D0
15.2.8
SUBADDRESS 07H
Table 34 Horizontal sync stop SA 07, D7 to D0
DECIMAL
VALUE
GAIN
(dB)
SIGN BIT
(SA 03, D1)
CONTROL BITS D7 TO D0
GAI28
GAI27
GAI26
GAI25
GAI24
GAI23
GAI22
GAI21
GAI20
0...
≈−3
0
00000000
...117...
≈0
0
01110101
...511
≈6
1
11111111
DELAY TIME
(STEP SIZE = 8/LLC)
CONTROL BITS D7 TO D0
HSB7
HSB6
HSB5
HSB4
HSB3
HSB2
HSB1
HSB0
−128...−109 (50 Hz)
forbidden (outside available central counter range)
−128...−108 (60 Hz)
−108 (50 Hz)...
1
0
0
1
0
1
0
0
−107 (60 Hz)...
1
0
0
1
0
1
0
1
...108 (50 Hz)
0
1
1
0
1
1
0
0
...107 (60 Hz)
0
1
1
0
1
0
1
1
109...127 (50 Hz)
forbidden (outside available central counter range)
108...127 (60 Hz)
Recommended value
for raw data type;
see Fig.24
1
1
101001
DELAY TIME
(STEP SIZE = 8/LLC)
CONTROL BITS D7 TO D0
HSS7
HSS6
HSS5
HSS4
HSS3
HSS2
HSS1
HSS0
−128...−109 (50 Hz)
forbidden (outside available central counter range)
−128...−108 (60 Hz)
−108 (50 Hz)...
1
0
0
1
0
1
0
0
−107 (60 Hz)...
1
0
0
1
0
1
0
1
...108 (50 Hz)
0
1
1
0
1
1
0
0
...107 (60 Hz)
0
1
1
0
1
0
1
1
109...127 (50 Hz)
forbidden (outside available central counter range)
108...127 (60 Hz)
Recommended value
for raw data type;
see Fig.24
0
0
001101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com