Electronic Components Datasheet Search
  English  ▼

X  

MAX96751 Datasheet(PDF) 1 Page - Analog Devices

Part # MAX96751
Description  GMSL2 Serializer with HDMI 2.0 Input
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX96751 Datasheet(HTML) 1 Page - Analog Devices

  MAX96751 Datasheet HTML 1Page - Analog Devices MAX96751 Datasheet HTML 2Page - Analog Devices MAX96751 Datasheet HTML 3Page - Analog Devices MAX96751 Datasheet HTML 4Page - Analog Devices MAX96751 Datasheet HTML 5Page - Analog Devices MAX96751 Datasheet HTML 6Page - Analog Devices MAX96751 Datasheet HTML 7Page - Analog Devices MAX96751 Datasheet HTML 8Page - Analog Devices MAX96751 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 289 page
background image
General Description
The MAX96751 serializer converts HDMI® to single or
dual GMSL™ serial protocol. It also sends and receives
side-channel and peripheral control data, enabling full-du-
plex, single-wire, transmission of video and bidirectional
data. Each GMSL2 link operates at a fixed rate of 3Gbps
or 6Gbps in the forward direction and 187.5Mbps in the re-
verse direction.
The MAX96751 supports RGB888 video at up to 215MHz
PCLK per GMSL2 link.
For designs supporting two displays, see the New Designs
Supporting Two Displays section of Detailed Descriptions
for more information.
The GMSL2 concurrent control channel operates in I2C or
UART mode. Two additional pass-through I2C or UART
channels and a pass-through SPI channel are provided
for peripheral control. The bidirectional audio channel sup-
ports I2S stereo and up to 8 channels in Time-Division
Multiplexing (TDM) mode.
Data can be transmitted over low-cost 50Ω coax or 100Ω
STP cables that meet the GMSL2 Channel Specification.
Contact the factory to receive the GMSL2 Channel Speci-
fication document.
Table 1. Typical Maximum Cable Length
3.2mm Ø
50Ω
Coax,
Foam
Dielectric
2.7mm Ø
50Ω
Coax,
Solid
Dielectric
100Ω
Shielded
Twisted
Pair,
AWG26
Attenuation at 3GHz
(Typ, Room Temp)
0.9dB/m
1.6dB/m
1.8dB/m
Attenuation at 3GHz
(Max, Aged, +105°C)
1.1dB/m
2.0dB/m
2.2dB/m
GMSL Fwd/Rev Data
Rate
Typical Maximum Cable Length at
+105°C
3Gbps/187.5Mbps
20m
10m
11m
6Gbps/187.5Mbps
15m
9m
8m
Applications
● Navigation and Touch-Panel Displays
● Digital Instrument Clusters and Heads-Up Displays
● Rear-Seat and Passenger Infotainment Displays
● Consumer HDMI Port Applications
Benefits and Features
● HDMI v1.4b/v2.0a Input Interface
● 3Gbps or 6Gbps Forward-Link Rates
● 187.5Mbps Reverse-Link Rate
● Full-Duplex Capability Over a Single Wire
● Ideal for High-Definition Video Applications
• Up to 215MHz PCLK per Link
• Up to 430MHz PCLK in Dual-Link Mode
● Uses Low-Cost 50Ω Coax or 100Ω STP Cables
● Forward and Reverse I2S or 7.1 TDM Audio
● Video Pattern Generator Provides Fast Link Validation
● Line-Fault Monitor Detects Serial I/O Shorted
Together, to Ground, to Battery or Open
● ASIL-Relevant Functional Safety Features
• ASIL B Compliant
• 16-Bit CRC Protection of Control-Channel Data
(I2C, UART, SPI, GPIO, Audio)
• Retransmission on Error of all Control-Channel
Data and Audio Data Upon Error Detection
• Optional 32-Bit Video-Line CRC
• Selectable Interrupts for Fault Detection
• Video Watermark Generation
● Performance Tools Ensure High Link Margin
• Continuous Adaptive Equalization on GMSL Links
• Built-In Forward- and Reverse-Channel PRBS
Generator for BER Testing of Serial I/O Links
• Eye-Opening Monitor for Link Diagnosis
● Concurrent Control Channel for Device Configuration
and Communication with Remote Peripherals
• Primary and Pass-Through I2C/UART, SPI, and
Tunneled or Register-Programmable GPIO
• Settable Priority Levels
• Eight Hardware Programmable Device Addresses
• Up to 20 Programmable GPIO
• Sleep Mode with Register State Retention
● Operation Specified Over the -40°C to +105°C
Automotive Temperature Range
● AEC-Q100 Qualified
● Compact 8mm x 8mm TQFN with an Exposed Pad
This product contains licensed HDMI technology. Customers must be HDMI adopters listed at HDMI.org.
MAX96751
GMSL2 Serializer with HDMI 2.0 Input
Ordering Information appears at end of the datasheet.
19-101780; Rev 0; 4/24
© 2024 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887 U.S.A. | Tel: 781.329.4700 | © 2024 Analog Devices, Inc. All rights reserved.


Similar Part No. - MAX96751

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9675 MAXIM-MAX9675 Datasheet
802Kb / 27P
110MHz, 16 x 16 Video Crosspoint Switch with Programmable Gain
Rev 0; 7/08
logo
Analog Devices
MAX96752 AD-MAX96752 Datasheet
1Mb / 159P
GMSL2 Deserializer with Dual LVDS (OLDI) Output
Rev 0; 1/24
logo
Maxim Integrated Produc...
MAX9675ECQ+ MAXIM-MAX9675ECQ+ Datasheet
802Kb / 27P
110MHz, 16 x 16 Video Crosspoint Switch with Programmable Gain
Rev 0; 7/08
More results

Similar Description - MAX96751

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS881 TI-SN65HVS881 Datasheet
839Kb / 22P
INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
DS90UB929-Q1 TI1-DS90UB929-Q1 Datasheet
1Mb / 71P
720p HDMI to FPD-Link III Bridge Serializer
DS90UB949-Q1 TI1-DS90UB949-Q1 Datasheet
1Mb / 82P
1080p HDMI to FPD-Link III Bridge Serializer
DS90UH929-Q1 TI1-DS90UH929-Q1 Datasheet
1Mb / 77P
720p HDMI to FPD-Link III Bridge Serializer with HDCP
DS90UH949-Q1 TI1-DS90UH949-Q1 Datasheet
1Mb / 87P
1080p HDMI to FPD-Link III Bridge Serializer with HDCP
SN65HVS881 TI1-SN65HVS881_16 Datasheet
1Mb / 22P
INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
DS90UH949A-Q1 TI1-DS90UH949A-Q1 Datasheet
1Mb / 91P
2K HDMI-to-FPD-Link III Bridge Serializer With HDCP
DS90UB949A-Q1 TI1-DS90UB949A-Q1 Datasheet
2Mb / 86P
2K HDMI-to-FPD-Link III Bridge Serializer
logo
Analog Devices
MAX96717R AD-MAX96717R Datasheet
1Mb / 142P
CSI-2 to GMSL2 Serializer
19-101157; Rev 1; 3/23
MAX96717 AD-MAX96717 Datasheet
6Mb / 235P
CSI-2 to GMSL2 Serializer
19-100942; Rev 4; 5/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com