Electronic Components Datasheet Search
  English  ▼

X  

MAX96751 Datasheet(PDF) 9 Page - Analog Devices

Part # MAX96751
Description  GMSL2 Serializer with HDMI 2.0 Input
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX96751 Datasheet(HTML) 9 Page - Analog Devices

Back Button MAX96751 Datasheet HTML 5Page - Analog Devices MAX96751 Datasheet HTML 6Page - Analog Devices MAX96751 Datasheet HTML 7Page - Analog Devices MAX96751 Datasheet HTML 8Page - Analog Devices MAX96751 Datasheet HTML 9Page - Analog Devices MAX96751 Datasheet HTML 10Page - Analog Devices MAX96751 Datasheet HTML 11Page - Analog Devices MAX96751 Datasheet HTML 12Page - Analog Devices MAX96751 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 289 page
background image
Absolute Maximum Ratings
(All voltages with respect to ground.) ...........................................
VDDIO .................................................................... -0.3V to +3.9V
VDD18 .................................................................... -0.3V to +2.0V
VDDD, VDDA .......................................................... -0.3V to +1.1V
VDD33 .................................................................... -0.3V to +3.9V
Rx__ ...................................................................... -0.3V to +3.9V
SIO__ (Active State) (Note a)................ (VDD18 - 1.1V) to VDD18
SIO__ (Inactive State) (Note a) ............................. -0.3V to +1.1V
RX_, RXC_ .............................. (VDD33 - 1.3V) to (VDD33 + 0.3V)
LMN_ ..................................................................... -0.3V to +2.0V
XRES, X2, AUX± ...................................... -0.3V to VDD18 + 0.3V
All Other Pins (Note b) .............................. -0.3V to VDDIO + 0.3V
Continuous Power Dissipation (TA = +70ºC) TQFN (Multilayer
board, derate 40mW/ºC above +70ºC) ...........................2200mW
Storage Temperature Range ..............................-40°C to +150°C
Soldering Temperature (reflow) ........................................+260°C
Note a: Active state means the device is powered up and not in Sleep or Power-down mode. Inactive means the device is not powered
up or is powered up but in Sleep or Power-down mode.
Note b: Specified maximum voltage or 3.9V, whichever is lower.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Package Information
56-Pin TQFN
Package Code
T5688+6
Outline Number
21-0135
Land Pattern Number
90-100041
Thermal Resistance, Four-Layer Board:
Junction-to-Ambient (θJA)
25°C/W
Junction-to-Case Thermal Resistance (θJC)
1°C/W
56-Pin TQFN-SW (Side-Wettable)
Package Code
T5688Y+6
Outline Number
21-100046
Land Pattern Number
90-100048
Thermal Resistance, Four-Layer Board:
Junction-to-Ambient (θJA)
25°C/W
Junction-to-Case Thermal Resistance (θJC)
1°C/W
For the latest package outline information and land patterns (footprints), go to www.analog.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character,
but the drawing pertains to the package regardless of RoHS status.
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a
four-layer board in still air. For detailed information on package thermal considerations, refer to www.analog.com/
thermal-tutorial.
MAX96751
GMSL2 Serializer with HDMI 2.0 Input
www.analog.com
Analog Devices | 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com