Electronic Components Datasheet Search
  English  ▼

X  

MAX96751 Datasheet(PDF) 19 Page - Analog Devices

Part # MAX96751
Description  GMSL2 Serializer with HDMI 2.0 Input
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX96751 Datasheet(HTML) 19 Page - Analog Devices

Back Button MAX96751 Datasheet HTML 15Page - Analog Devices MAX96751 Datasheet HTML 16Page - Analog Devices MAX96751 Datasheet HTML 17Page - Analog Devices MAX96751 Datasheet HTML 18Page - Analog Devices MAX96751 Datasheet HTML 19Page - Analog Devices MAX96751 Datasheet HTML 20Page - Analog Devices MAX96751 Datasheet HTML 21Page - Analog Devices MAX96751 Datasheet HTML 22Page - Analog Devices MAX96751 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 289 page
background image
PIN
NAME
FUNCTION MODE
FUNCTION
SIGNAL NAME
26
DDCSDA
DDCSDA
DDC I2C Serial-Data Open-Drain Input/Output with Internal 40kΩ
Pull-Up to VDDIO. Used by the HDMI source to read the EDID.
45
RxC-
RxC-
Inverting HDMI Clock Input with Internal 50Ω Termination to VDD33
46
RxC+
RxC+
Noninverting HDMI Clock Input with Internal 50Ω Termination to
VDD33
48
Rx0-
Rx0-
Inverting HDMI Data0 Input with Internal 50Ω Termination to VDD33
49
Rx0+
Rx0+
Noninverting HDMI Data0 Input with Internal 50Ω Termination to
VDD33
50
Rx1-
Rx1-
Inverting HDMI Data1 Input with Internal 50Ω Termination to VDD33
51
Rx1+
Rx1+
Noninverting HDMI Data1 Input with Internal 50Ω Termination to
VDD33
52
Rx2-
Rx2-
Inverting HDMI Data2 Input with Internal 50Ω Termination to VDD33
53
Rx2+
Rx2+
Noninverting HDMI Data2 Input with Internal 50Ω Termination to
VDD33
CONTROL AND GPIO (*DENOTES DEFAULT AFTER POWER-UP)
28
GPIO00
GPIO00*
SDA1_RX1
GPIO00: Configurable General-Purpose Input or Output. Configured
as an open-drain output with an internal 40kΩ pull-up to VDDIO at
power-up. By default, this outputs the GPO0 value received from the
deserializer.
SDA1_RX1: Pass-Through I2C1 Serial-Data Input/Output or UART1
Receive. Internal 40kΩ pull-up to VDDIO. SDA1: I2C Serial Data
Input/Open-Drain Output. RX1: UART Input.
29
GPIO01
GPIO01*
SCL1_TX1
GPIO01: Configurable General-Purpose Input or Output with an
Internal 1MΩ Pull-Down to Ground at Power-Up. By default, this is a
GPI1 input transmitted to the deserializer to be output from GPO1.
SCL1_TX1: Pass-Through I2C1 Serial-Clock Input/Output or UART1
Transmit. Internal 40kΩ pull-up to VDDIO. SCL1: I2C Clock Input/
Open-Drain Output. TX1: UART Open-Drain Output.
30
GPIO02
GPIO02*
MS
SDA2_RX2
GPIO02: Configurable General-Purpose Input or Output with an
Internal 1MΩ Pull-Down to Ground.
MS: UART Mode Select with an Internal 1MΩ Pull-Down to Ground.
Set MS low to select Base mode. Set MS high to select Bypass
mode. The MS state can also be temporarily overwritten by a
register write.
SDA2_RX2: Pass-Through I2C2 Serial-Data Input/Output or UART2
Receive. Internal 40kΩ pull-up to VDDIO. SDA2: I2C Serial Data
Input/Open-Drain Output. RX2: UART Input.
31
GPIO03/RCLKEN
RCLKEN
GPO03*
RCLKOUT
RCLKEN: Reference Clock Enable with an Internal 1MΩ Pull-Down
to Ground. The state of RCLKEN latches at power-up. If RCLKEN is
high, drives external reference clock (RCLKOUT). If RCLKEN is low,
it is a configurable general-purpose input or output.
GPO03: Configurable General-Purpose Output
RCLKOUT: 25MHz Reference Clock Push-Pull Output.
MAX96751
GMSL2 Serializer with HDMI 2.0 Input
www.analog.com
Analog Devices | 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com