Electronic Components Datasheet Search
  English  ▼

X  

MAX96751 Datasheet(PDF) 23 Page - Analog Devices

Part # MAX96751
Description  GMSL2 Serializer with HDMI 2.0 Input
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX96751 Datasheet(HTML) 23 Page - Analog Devices

Back Button MAX96751 Datasheet HTML 19Page - Analog Devices MAX96751 Datasheet HTML 20Page - Analog Devices MAX96751 Datasheet HTML 21Page - Analog Devices MAX96751 Datasheet HTML 22Page - Analog Devices MAX96751 Datasheet HTML 23Page - Analog Devices MAX96751 Datasheet HTML 24Page - Analog Devices MAX96751 Datasheet HTML 25Page - Analog Devices MAX96751 Datasheet HTML 26Page - Analog Devices MAX96751 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 289 page
background image
Recommended Operating Conditions, External Components and ESD Protection
Table 2. Recommended Operating Conditions
PARAMETER
PIN
NOMINAL VOLTAGE
MIN
TYP
MAX
UNIT
Supply Range
VDD18
1.7
1.8
1.9
V
VDDD, VDDA
0.95
1.0
1.05
V
VDDIO
1.8V
1.7
1.8
1.9
V
3.3V
3.0
3.3
3.6
V
VDD33
3.14
3.3
3.47
V
Maximum
Supply Noise
VDD18
25
mVP-P
VDDD, VDDA
25
mVP-P
VDDIO
1.8V
50
mVP-P
3.3V
100
mVP-P
VDD33
100
mVP-P
Operating Junction Temperature, TJ
-40
+125
ºC
Note: Supply noise < 1MHz.
See Figure 22 and Figure 23.
Table 3. External Component Requirements
COMPONENT
SYMBOL
CONDITION
VALUE
UNIT
XRES
RXRES
402
±1%, use
a single
resistor
Ω
Line Fault Pull-
Down Resistor
RPD
49.9
±1%
kΩ
Line Fault Series
Resistor
REXT
LMN0A, LMN0B – STP mode
42.2
±1%
kΩ
LMN0A, LMN0B – Coax mode
48.7
±1%
kΩ
LMN1A, LMN1B – STP/Coax mode
48.7
±1%
kΩ
Link Isolation
Capacitors
CLINK
Place close to the SIO pins (21, 22, 6, 5) used in the application.
0.1
μF
Termination
Resistors for
Unused GMSL2
Outputs in Coax
Mode
RTERM
Place close to the Link Isolation Capacitor(s) for the unused SIO output(s) in
Coax mode. See Figure 22.
49.9
±1%
Ω
Crystal
Place as close as possible to pins 15 and 16.
25MHz
±200ppm
Crystal Load
Capacitors
Use crystal loading capacitor guidance from the crystal manufacturer. Select
values that compensate for the X1 and X2 input and PCB node capacitances.
Place the capacitors as close as possible to pins 15 (X1/OSC) and 16 (X2).
VDDIO Decoupling
Capacitors (Note
10)
Place a 0.01μF capacitor as close as possible to pin 37. Include a minimum
of 10μF bulk decoupling on the PCB.
0.01 +
10
μF
MAX96751
GMSL2 Serializer with HDMI 2.0 Input
www.analog.com
Analog Devices | 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com