Electronic Components Datasheet Search
  English  ▼

X  

MAX96751 Datasheet(PDF) 12 Page - Analog Devices

Part # MAX96751
Description  GMSL2 Serializer with HDMI 2.0 Input
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX96751 Datasheet(HTML) 12 Page - Analog Devices

Back Button MAX96751 Datasheet HTML 8Page - Analog Devices MAX96751 Datasheet HTML 9Page - Analog Devices MAX96751 Datasheet HTML 10Page - Analog Devices MAX96751 Datasheet HTML 11Page - Analog Devices MAX96751 Datasheet HTML 12Page - Analog Devices MAX96751 Datasheet HTML 13Page - Analog Devices MAX96751 Datasheet HTML 14Page - Analog Devices MAX96751 Datasheet HTML 15Page - Analog Devices MAX96751 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 289 page
background image
Electrical Characteristics (continued)
(VDD18 = 1.7V to 1.9V, VDDD = VDDA = 0.95V to 1.05V, VDDIO = 1.7V to 3.6V, VDD33 = 3.14V to 3.47V, TA = −40°C to +105°C, EP
connected to PCB ground, typical values are at VDD18 = VDDIO = 1.8V, VDDD = VDDA = 1.0V, VDD33 = 3.3V, TA = +25°C, unless
otherwise noted.) (Note 1))
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Impedance
RIN
10
kΩ
X1 Input Capacitance
CIN_X1
5.5
pF
DC ELECTRICAL CHARACTERISTICS / POWER SUPPLY
Supply Current (Note 3)
IDD
Dual 6Gbps links,
198MHz PCLK on
each link, color bar
pattern
VDD33, HDMI VCM
apprx. -180mV
(Note 4)
30
35
mA
VDD18
155
180
VDDD
280
630
VDDA
0.1
2
Single 6Gbps link,
198MHz PCLK,
color bar pattern
VDD33, HDMI VCM
apprx. -180mV
(Note 4)
30
35
VDD18
90
105
VDDD
240
600
VDDA
0.1
2
Maximum VDDIO Supply
Current
IDDIO
Per GPIO toggling
at 50 MHz, CL =
10pF
VDDIO at 1.9V
44
μA/MHz
VDDIO at 3.6V
81
DC ELECTRICAL CHARACTERISTICS / POWER-DOWN CURRENT
Maximum Power-Down
Current
IDD
VDD33 at 3.47V
TA = +25ºC
2.7
μA
TA = +105ºC
4
VDDIO at 3.6V
TA = +25ºC
4.1
TA = +105ºC
5
VDD18 at 1.9V
TA = +25ºC
1.1
TA = +105ºC
17
VDDD at 1.05V
TA = +25ºC
8
TA = +105ºC
47
VDDA at 1.05V
TA = +25ºC
2.6
TA = +105ºC
16
DC ELECTRICAL CHARACTERISTICS / SLEEP CURRENT
Maximum Sleep Current
IDD
VDD33 at 3.47V
TA = +25ºC
3.2
μA
TA = +105ºC
4
VDDIO at 3.6V
TA = +25ºC
4
TA = +105ºC
6
VDD18 at 1.9V
TA = +25ºC
18
TA = +105ºC
30
VDDD at 1.05V
TA = +25ºC
12
TA = +105ºC
50
VDDA at 1.05V
TA = +25ºC
2.4
TA = +105ºC
17
MAX96751
GMSL2 Serializer with HDMI 2.0 Input
www.analog.com
Analog Devices | 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com