Electronic Components Datasheet Search
  English  ▼

X  

MAX96751 Datasheet(PDF) 82 Page - Analog Devices

Part # MAX96751
Description  GMSL2 Serializer with HDMI 2.0 Input
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX96751 Datasheet(HTML) 82 Page - Analog Devices

Back Button MAX96751 Datasheet HTML 78Page - Analog Devices MAX96751 Datasheet HTML 79Page - Analog Devices MAX96751 Datasheet HTML 80Page - Analog Devices MAX96751 Datasheet HTML 81Page - Analog Devices MAX96751 Datasheet HTML 82Page - Analog Devices MAX96751 Datasheet HTML 83Page - Analog Devices MAX96751 Datasheet HTML 84Page - Analog Devices MAX96751 Datasheet HTML 85Page - Analog Devices MAX96751 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 289 page
background image
ADDRESS RESET
NAME
MSB
LSB
0x3E0A
0x98
PEQ_VAL2[7:
0]
reg_cfg_peq_val2[7:0]
0x3E0B
0x79
PEQ_VAL3[7:
0]
reg_cfg_peq_val3[7:0]
0x3E0C
0x5E
PEQ_VAL4[7:
0]
reg_cfg_peq_val4[7:0]
0x3E0D
0xB8
PEQ_VAL5[7:
0]
reg_cfg_peq_val5[7:0]
0x3E0E
0x7E
PEQ_VAL6[7:
0]
reg_cfg_peq_val6[7:0]
0x3E0F
0x99
PEQ_VAL7[7:
0]
reg_cfg_peq_val7[7:0]
0x3E15
0x60
DPLL_CFG6[
7:0]
reg_cfg_
ri_swap
reg_cfg_
ri_no_zo
ne2x
reg_cfg_
ri_bp_fix
reg_cfg_
ri_use_s
cdt
reg_cfg_ri_ebyte_sel[2:0]
reg_cfg_
ri_eeval
0x3E50
0x20
DPLL_HDMI2
[7:0]
–
–
ri_hdmi2
_scdt_on
ri_stat_a
nd_on
ri_scram
ble_on_v
al
ri_scram
ble_on_o
vr
ri_hdmi2
_on_val
ri_hdmi2
_on_ovr
0x3E5C
0x1D
NEW_DPLL_
CFG[7:0]
–
ri_mhl12
_scon
ri_two_t
mds_syn
c
ri_eq_pe
r_ch
ri_allow_
msync
ri_enh_al
gn_fifo
ri_tdd_m
ode
ri_red_lat
ZONEVCO_REG
0x3E81
0x00
ZONE_STAT
US_0[7:0]
ro_pll_lk
–
–
–
ro_szone[2:0]
ro_f1g
0x3E8D
0x00
PLL_MODE0[
7:0]*
ri_hdmi_
mhln_sel
_ow
ri_hdmi_
mhln_sel
_ow_en
–
RSVD[1:0]
RSVD[1:0]
RSVD
0x3E94
0x00
ZONE_INTR[
7:0]
–
–
RSVD
RSVD
reg_pll_l
k
reg_lkdt_
timeout
reg_vcoc
al_done
reg_zone
_done
0x3E95
0x00
ZONE_INTR_
MASK[7:0]
–
–
RSVD
RSVD
ri_mask3
ri_mask2
ri_mask1
ri_mask0
Register Details
REG0 (0x0)*
BIT
7
6
5
4
3
2
1
0
Field
DEV_ADDR[6:0]
CFG_BLOC
K
Reset
0b1000000
0b0
Access
Type
Write, Read
Write, Read
MAX96751
GMSL2 Serializer with HDMI 2.0 Input
www.analog.com
Analog Devices | 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com