Electronic Components Datasheet Search
  English  ▼

X  

MAX96751 Datasheet(PDF) 18 Page - Analog Devices

Part # MAX96751
Description  GMSL2 Serializer with HDMI 2.0 Input
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX96751 Datasheet(HTML) 18 Page - Analog Devices

Back Button MAX96751 Datasheet HTML 14Page - Analog Devices MAX96751 Datasheet HTML 15Page - Analog Devices MAX96751 Datasheet HTML 16Page - Analog Devices MAX96751 Datasheet HTML 17Page - Analog Devices MAX96751 Datasheet HTML 18Page - Analog Devices MAX96751 Datasheet HTML 19Page - Analog Devices MAX96751 Datasheet HTML 20Page - Analog Devices MAX96751 Datasheet HTML 21Page - Analog Devices MAX96751 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 289 page
background image
Pin Configuration
15
17
16
18
19
20
21
22
23
24
25
26
27
28
X1/OSC
++
X2
N.C.
XRES
HPD
VDD18
SIOA+
SIOA−
LMN0A
LMN1A
DDCSCL
DDCSDA
PWDNB
GPIO00
GPIO16/CXTP
WSOR/ADD2
VDDD
Rx2+
Rx2−
Rx1+
Rx1−
Rx0+
Rx0−
VDD33
RxC+
RxC−
VDDD
SCKOR/ADD1
48
47
46
45
44
43
54
53
56
55
52
51
50
49
1
2
3
4
5
6
7
8
9 10 11 12 13 14
42 41 40 39 38 37 36 35 34 33 32 31 30 29
MAX96751
MAX96751
EP
Pin Description
PIN
NAME
FUNCTION MODE
FUNCTION
SIGNAL NAME
GMSL2 SERIAL LINK
21
SIOA+
SIOA+
Noninverting Coax/Twisted-Pair Serial-Data Output 1
22
SIOA-
SIOA-
Inverting Twisted-Pair Serial-Data Output 1
6
SIOB+
SIOB+
Noninverting Coax/Twisted-Pair Serial-Data Output 2
5
SIOB-
SIOB-
Inverting Twisted-Pair Serial-Data Output 2
23
LMN0A
LMN0A
Line-Fault Monitor Input
24
LMN1A
LMN1A
Line-Fault Monitor Input
3
LMN0B
LMN0B
Line-Fault Monitor Input
4
LMN1B
LMN1B
Line-Fault Monitor Input
HDMI INTERFACE
2
HSPD
HSPD
HDMI Source Power-Detect Input with an Internal 1MΩ Pull-Down to
Ground. Connect a voltage-divider to divide the 5V HDMI voltage
down to VDDIO.
19
HPD
HPD
HDMI Hot-Plug Detect Output
25
DDCSCL
DDCSCL
DDC I2C Serial-Clock Open-Drain Input/Output with Internal 40kΩ
Pull-Up to VDDIO. Used by the HDMI source to read the EDID.
MAX96751
GMSL2 Serializer with HDMI 2.0 Input
www.analog.com
Analog Devices | 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com