Electronic Components Datasheet Search
  English  ▼

X  

MAX96751 Datasheet(PDF) 20 Page - Analog Devices

Part # MAX96751
Description  GMSL2 Serializer with HDMI 2.0 Input
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX96751 Datasheet(HTML) 20 Page - Analog Devices

Back Button MAX96751 Datasheet HTML 16Page - Analog Devices MAX96751 Datasheet HTML 17Page - Analog Devices MAX96751 Datasheet HTML 18Page - Analog Devices MAX96751 Datasheet HTML 19Page - Analog Devices MAX96751 Datasheet HTML 20Page - Analog Devices MAX96751 Datasheet HTML 21Page - Analog Devices MAX96751 Datasheet HTML 22Page - Analog Devices MAX96751 Datasheet HTML 23Page - Analog Devices MAX96751 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 289 page
background image
PIN
NAME
FUNCTION MODE
FUNCTION
SIGNAL NAME
32
GPIO04
GPIO04*
SCL2_TX2
GPIO04: General-Purpose Input/Output. Configured as open drain
with an internal 40kΩ pull-up to VDDIO at power-up.
SCL2_TX2: Pass-Through I2C2 Serial-Clock Input/Output or UART2
Transmit. Internal 40kΩ pull-up to VDDIO. SCL2: I2C Clock Input/
Open-Drain Output. TX2: UART Open-Drain Output.
33
GPIO05
GPIO05*
BNE
SS1
GPIO05: General-Purpose Input or Output with an Internal 1MΩ
Pull-Down to Ground
BNE: Buffer Not Empty. When configured as a subordinate, push-
pull output. When BNE is high, indicates SPI data is available.
SS1: SPI Subordinate Select 1. When configured as a main,
subordinate select 1 is a push-pull output.
34
GPIO06
GPIO06*
RO
SS2
GPIO06: Configurable General-Purpose Input or Output with an
Internal 1MΩ Pull-Down to Ground
RO: When configured as a subordinate, the SPI mode-select input
with internal 1MΩ pull-down to ground. When RO is high, enables
main read from MISO. When RO is low, enables main write to
MOSI.
SS2: SPI Subordinate Select 2. When configured as a main,
subordinate select 2 is a push-pull output.
35
GPIO07
GPIO07*
MISO
GPIO07: Configurable General-Purpose Input or Output with
Internal 1MΩ Pull-Down to Ground
MISO: SPI Main In Subordinate Out. When configured as the main,
a push-pull output drives data to an external subordinate. When
configured as a subordinate, the input with an internal 1MΩ pull-
down to ground receives data from the external main.
36
GPIO08
GPIO08*
MOSI
GPIO08: Configurable General-Purpose Input or Output with
Internal 1MΩ Pull-Down to Ground
MOSI: SPI Main Out Subordinate In. When configured as the main,
a push-pull output drives data to an external subordinate. When
configured as a subordinate, an input with an internal 1MΩ pull-
down to ground receives data from the external main.
38
GPIO09
GPIO09*
SCLK
GPIO09: Configurable General-Purpose Input or Output with
Internal 1MΩ Pull-Down to Ground.
SCLK: SPI Clock: When configured as a main, it is a push-pull clock
output. When configured as a subordinate, it is a clock input with an
internal 1MΩ pull-down to ground.
39
WS
WS*
GPIO10
WS: I2S/TDM Word-Select Input with Internal 1MΩ Pull-Down to
Ground. Supports forward audio from serializer to deserializer.
GPIO10: Configurable General-Purpose Input or Output with an
Internal 1MΩ Pull-Down to Ground.
40
SCK
SCK*
GPIO11
SCK: I2S/TDM Serial Clock Input with Internal 1MΩ Pull-Down to
Ground. Supports forward audio from serializer to deserializer.
GPIO11: Configurable General-Purpose Input or Output with an
Internal 1MΩ Pull-Down to Ground.
MAX96751
GMSL2 Serializer with HDMI 2.0 Input
www.analog.com
Analog Devices | 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com