Electronic Components Datasheet Search
  English  ▼

X  

AMIS-30621 Datasheet(PDF) 21 Page - AMI SEMICONDUCTOR

Part # AMIS-30621
Description  LIN Microstepping Motordriver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-30621 Datasheet(HTML) 21 Page - AMI SEMICONDUCTOR

Back Button AMIS-30621 Datasheet HTML 17Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 18Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 19Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 20Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 21Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 22Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 23Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 24Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 25Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
AMI Semiconductor - Rev. 1.4
21
www.amis.com
GetActualPos
This command is provided to the circuit by the LIN Master
to get the actual position of the Stepper-motor. This
position (ActPos[15:0]) is returned in signed two’s
complement 16-bit format. One should note that according
to the programmed stepping mode, the LSBs of
ActPos[15:0]
may have no meaning and should be
assumed to be at ‘0’, as described in § 8.5.
GetActualPos
provides also a quick status of the circuit
and of the Stepper-motor, identical to that obtained by
command GetStatus (see further).
Note
A GetActualPosition command will not attempt to
reset any flag.
GetActualPos
corresponds to the following LIN reading
frames.
*) according to parity computation
ID[5:0]
:
Dynamically allocated direct identifier. There
should be as many dedicated identifiers to
the GetActualPos command as there are
stepper motors connected to the LIN bus.
2) One preparing frame prior 4 data bytes in-frame
response with 0x3D indirect ID.
*) according to parity computation
1) 4 data bytes in-frame response with direct ID (type #5).
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
**
1
0
ID3
ID2
ID1
ID0
ESW
AD[6:0]
ActPos[15:8]
ActPos[7:0]
VddReset
StepLoss
ElDef
UV2
TSD
TW
Tinfo[1:0]
Identifier
Data1
Data2
Data3
Data4
Preparing Frame (type #7 or #8)
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
**
0
ID4
ID3
ID2
ID1
ID0
1
CMD[6:0] = 0x00
1
AD[6:0]
In-frame Response (type #6)
01
1
1
1
1
0
1
ESW
AD[6:0]
ActPos[15:8]
ActPos[7:0]
VddReset
StepLoss
ElDef
UV2
TSD
TW
Tinfo[1:0]
0xFF
0xFF
0xFF
0xFF
Identifier
Data1
Data2
Identifier
Data1
Data2
Data3
Data4
Data5
Data6
Data7
Data8
AMIS-30621 LIN Microstepping Motordriver
Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com