Electronic Components Datasheet Search
  English  ▼

X  

AMIS-30621 Datasheet(PDF) 8 Page - AMI SEMICONDUCTOR

Part # AMIS-30621
Description  LIN Microstepping Motordriver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-30621 Datasheet(HTML) 8 Page - AMI SEMICONDUCTOR

Back Button AMIS-30621 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 9Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 10Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 11Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 12Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
AMIS-30621 LIN Microstepping Motordriver
Data Sheet
AMI Semiconductor - Rev. 1.4
8
www.amis.com
Vmax
Vmax
Stepping Mode
Index
(Full Step/s)
Group
Half-stepping
1/4th Micro-stepping
1/8th Micro-stepping
1/16th Micro-stepping
(half-step/s)
(micro-step/s)
(micro-step/s)
(micro-step/s)
099A
197
395
790
1579
1
136
273
546
1091
2182
2
167
334
668
1335
2670
3
197
B
395
790
1579
3159
4
213
425
851
1701
3403
5
228
456
912
1823
3647
6
243
486
973
1945
3891
7
273
546
1091
2182
4364
8
303
607
1213
2426
4852
9
334
C
668
1335
2670
5341
10
364
729
1457
2914
5829
11
395
790
1579
3159
6317
12
456
912
1823
3647
7294
13
546
1091
2182
4364
8728
14
729
D
1457
2914
5829
11658
15
973
1945
3891
7782
15564
Vmax
Vmax
Vimax (Full-step/s)
Index
Factor
99
136
167
197
213
228
243
273
303
334
364
395
456
546
729
973
01
99
136
167
197
213
228
243
273
303
334
364
395
456
546
729
973
1
1/32
3
4
5
6
6
7
7
8
8
10
10
11
13
15
19
27
2
2/32
6
8
10
11
12
13
14
15
17
19
21
23
27
31
42
57
3
3/32
9
12
15
18
19
21
22
25
27
31
32
36
42
50
65
88
4
4/32
12
16
20
24
26
28
30
32
36
40
44
48
55
65
88
118
5
5/32
15
21
26
31
32
35
37
42
46
51
55
61
71
84
111
149
6
6/32
18
25
31
36
39
42
45
50
55
61
67
72
84
99
134
179
7
7/32
21
30
36
43
46
50
52
59
65
72
78
86
99
118
156
210
8
8/32
24
33
41
49
52
56
60
67
74
82
90
97
113
134
179
240
9
9/32
28
38
47
55
59
64
68
76
84
93
101
111
128
153
202
271
10
10/32
31
42
51
61
66
71
75
84
93
103
113
122
141
168
225
301
11
11/32
34
47
57
68
72
78
83
93
103
114
124
135
156
187
248
332
12
12/32
37
51
62
73
79
85
91
101
113
124
135
147
170
202
271
362
13
13/32
40
55
68
80
86
93
98
111
122
135
147
160
185
221
294
393
14
14/32
43
59
72
86
93
99
106
118
132
145
158
172
198
237
317
423
15
15/32
46
64
78
93
99
107
113
128
141
156
170
185
214
256
340
454
8.0 Positioning Data
8.1 Stepping Modes
One of four possible stepping modes can be programmed:
• Half-stepping
• 1/4 micro-stepping
• 1/8 micro-stepping
• 1/16 micro-stepping
8.2 Maximum Velocity
For each stepping mode, Vmax can be programmed to 16
possible values given in the table below.
The accuracy of Vmax is derived from the internal oscillator.
Under special circumstances it is possible to change the
Vmax parameter while a motion is ongoing. All 16 entries
for the Vmax parameter are divided into four groups. When
changing Vmax during a motion the application must take
care that the new Vmax parameter stays within the same
group.
8.3 Minimum Velocity
Once Vmax is chosen, 16 possible values can be
programmed for Vmin. The table below provides the
obtainable values in Full-step/s. The accuracy of Vmin is
derived from the internal oscillator.
Notes
(1) The Vmax factor is an approximation.
(2) In case of motion without acceleration (AccShape = 1)
the length of the steps = 1/Vmin. In case of accelerated
motion (AccShape = 0) the length of the first step is shorter
than 1/Vmin depending of Vmin, Vmax and Acc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com