Electronic Components Datasheet Search
  English  ▼

X  

AMIS-30621 Datasheet(PDF) 35 Page - AMI SEMICONDUCTOR

Part # AMIS-30621
Description  LIN Microstepping Motordriver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-30621 Datasheet(HTML) 35 Page - AMI SEMICONDUCTOR

Back Button AMIS-30621 Datasheet HTML 31Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 32Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 33Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 34Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 35Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 36Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 37Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 38Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 39Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
9.2.3.4 Motor Stopping Phase
At the end of the deceleration phase, the currents are
maintained in the coils at their actual DC level (hence
keeping the sine/cos ratio between coils) during 1/4th of an
electrical period at minimum velocity (thus 2 half-steps). The
currents are then set to the hold values, respectively Ihold x
sin(TagPos) and Ihold x cos(TagPos) as illustrated below. A
new positioning order can then be executed.
9.2.3.5 Charge Pump Monitoring
If the charge pump voltage is not sufficient for driving the
high side transistors (due to a failure), an internal HardStop
command is issued. This is acknowledged to the master by
raising flag <CPFail> (available with command
GetFullStatus
).
In case this failure occurs while a motion is ongoing, the flag
<StepLoss> is also raised.
9.2.3.6 Electrical Defect on Coils, Detection and Confirmation
The principle relies on the detection of a voltage drop on at
least one transistor of the H-bridge. Then the decision is
taken to open the transistors of the defective bridge.
This allow to detect the following short circuits:
• External coil short circuit.
• Short between one terminal of the coil and Vbat or Gnd.
• One cannot detect internal short in the motor.
Open circuits are detected by 100% PWM duty cycle value
during a long time.
Pins
Fault Mode
Yi or Xi
Short circuit to GND
Yi or Xi
Short circuit to Vbat
Yi or Xi
Open
Y1 and Y2
Short circuited
X1 and X2
Short circuited
Xi and Yi
Short circuited
AMI Semiconductor - Rev. 1.4
35
www.amis.com
AMIS-30621 LIN Microstepping Motordriver
Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com