Electronic Components Datasheet Search
  English  ▼

X  

AMIS-30621 Datasheet(PDF) 4 Page - AMI SEMICONDUCTOR

Part # AMIS-30621
Description  LIN Microstepping Motordriver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-30621 Datasheet(HTML) 4 Page - AMI SEMICONDUCTOR

  AMIS-30621 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
AMIS-30621 LIN Microstepping Motordriver
Data Sheet
AMI Semiconductor - Rev. 1.4
4
www.amis.com
3.0 Pin-out
4.0 Package Thermal Resistance
Pin Name
Pin Description
SOIC-20
HW0
Bit 0 of LIN-ADD
to be tied to GND
1
HW1
Bit 1 of LIN-ADD
or VDD if not used
2
VDD
Internal supply (needs external decoupling capacitor) 3
GND
Ground, heat sink
4,7,14,17
TST
Test pin (to be tied to ground in normal operation)
5
LIN
LIN-bus connection
6
HW2
Bit 2 of LIN-ADD
8
CPN
Negative connection of pump-capacitor (charge pump)
9
CPP
Positive connection of pump-capacitor (charge pump)
10
VCP
Charge-pump filter-capacitor
11
VBB
Battery voltage supply
12, 19
MOTYN
Negative end of phase Y coil
13
MOTYP
Positive end of phase Y coil
15
MOTXN
Negative end of phase X coil
16
MOTXP
Positive end of phase X coil
18
SWI
Switch input
20
SOIC-20
4.1 SO20
The junction-case thermal resistance is 28°C/W, leading to a
junction-ambient thermal resistance of 63°C/W, with the
PCB ground plane layout condition given on the figure
beside, and with:
• PCB thickness = 1.6mm
• 1 layer
• Copper thickness = 35µm
2 x (10mm x 23mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com