Electronic Components Datasheet Search
  English  ▼

X  

AMIS-30621 Datasheet(PDF) 9 Page - AMI SEMICONDUCTOR

Part # AMIS-30621
Description  LIN Microstepping Motordriver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-30621 Datasheet(HTML) 9 Page - AMI SEMICONDUCTOR

Back Button AMIS-30621 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 9Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 10Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 11Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 12Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 13Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
AMIS-30621 LIN Microstepping Motordriver
Data Sheet
AMI Semiconductor - Rev. 1.4
9
www.amis.com
Vmax (FS/s) ‘
99
136
167
197
213
228
243
273
303
334
364
395
456
546
729
973
ACC Index
Acceleration (Full-step/s2)
049
106
473
1
218
735
2
1004
3
3609
4
6228
5
8848
6
11409
7
13970
8
16531
9
19092
10
21886
11
24447
12
27008
13
29570
14
29570
34925
15
40047
8.4 Acceleration and Deceleration
Sixteen possible values can be programmed for Acc
(acceleration and deceleration between Vmin and Vmax).
The table below provides the obtainable values in Full-
step/s2. One observes restrictions for some combination of
acceleration index and maximum speed (gray cells).
The accuracy of Acc is derived from the internal oscillator.
8.5 Positioning
The position programmed in commands SetPosition and
SetPositionShort is given as a number of (micro)steps.
According to the chosen stepping mode, the position
words must be aligned as described in the table below.
When
using
command
SetPositionShort
or
GotoSecurePosition, data is automatically aligned.
8.5.1 Position Ranges
A position is coded by using the binary two’s complement
format. According to the positioning commands which are
used (see § 9.2.2.11) and to the chosen stepping mode, the
position range will be as shown in the table below.
When using the command SetPosition, although coded
on 16 bits, the position word will have to be shifted on the
left by a certain number of bits, according to the chosen
stepping mode.
The formula to compute the number of equivalent Full-step
during acceleration phase is:
Command
Stepping Mode
Position Range
Full Range
Number
SetPosition
Half-stepping
-4096 to +4095
8192 half-steps
13
1/4th micro-stepping
-8192 to +8191
16384 micro-steps
14
1/8th micro-stepping
-16384 to +16383
32768 micro-steps
15
1/16th micro-stepping
-32768 to +32767
65536 micro-steps
16
SetPositionShort
Half-stepping
-1024 to +1023
2048 half-steps
11
Stepping
Position Word: Pos [15 : 0]
Shift
Mode
1/16th
S
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
LSB
No shift
1/8th
S
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
LSB
0
1-bit left ↔ x2
1/4th
S
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
LSB
00
2-bit left ↔ x4
Half-stepping
S
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
LSB
00
0
3-bit left ↔ x8
PositionShort
S
S
S
B9
B8
B7
B6
B5
B4
B3
B2
B1
LSB
00
0
No shift
SecurePosition
S
B9
B8
B7
B6
B5
B4
B3
B2
B1
LSB
00
00
0
No shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com