Electronic Components Datasheet Search
  English  ▼

X  

AMIS-30621 Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # AMIS-30621
Description  LIN Microstepping Motordriver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-30621 Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  AMIS-30621 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
AMIS-30621 LIN Microstepping Motordriver
Data Sheet
The AMIS-30621 is a member of a stepper motordriver
family with position controller and control/diagnostics
interface integrated in one single chip.
The family consists of two products:
• AMIS-30621 with LIN interface, ready to build dedicated
mechatronics solutions connected remotely with a LIN
master.
• AMIS-30622 with SERIAL interface, ready to act as
peripheral device next to a microcontroller.
The chip receives high-level positioning instructions through
the interface and subsequently drives the motor coils until
the desired position is reached. The on-chip position
controller is configurable (OTP and Interface) for different
motor types, positioning ranges and parameters for speed,
acceleration, and deceleration.
The AMIS-30621 acts as a slave on the bus and the master
can fetch specific status information like actual position,
error flags, etc. from each individual slave node.
The AMIS-30621 is ideally suited for small positioning
applications. Target markets include: automotive (headlamp
alignment, HVAC, idle control, cruise), industrial equipment
(lighting, fluid control, labeling, process, XYZ tables) and
building automation (HVAC, surveillance, satellite dish
positioning). Suitable applications typically have multiple
axes or require mechatronic solutions with the driver chip
mounted directly on the motor.
The high abstraction level of the products’ command set
reduces the load of the processor on the master side.
Scaling of the application towards number of axes is
straight-forward: hardware - and software designs are
extended in a modular way, without severely effecting the
demands on the master microcontroller. The bus structure
simplifies PCB track-layout and/or wiring architectures.
Microstepping operation removes the design trade-off
between minimal operation speed and avoiding the risk of
noise and step-loss due to resonance phenomena. The stall-
detection feature (optional) offers silent, yet accurate
position-calibrations during the referencing run and allows
semi-closed loop operation when approaching the
mechanical end-stops.
All these benefits result in reduced system-cost and time-
to-market and improved technical performance.
General Description
Motordriver
• Microstepping (1/2, 1/4, 1/8, 1/16)
• Low resonance & noise
• High resolution
• Programmable peak current up to 800mA
• 20kHz PWM current-control
• Automatic selection of fast & slow decay mode
• Internal fly-back FETs
• Fully integrated current sense
• 8V-29V supply voltage
• Automotive compliant
• Full diagnostics and status information
Controller with RAM and OTP Memory
• Position controller
• Configurable speeds, acceleration and deceleration
• Flexible hold-current
• Movement/position sensor-input
• Optional stall detection
LIN Interface
• Physical - and data-link-layer (conform to LIN rev. 1.3)
• Dynamically allocated indentifiers
• Up to 128 node addresses
Protection
• Over-current protection
• Under-voltage management
• Over-voltage protection
• High-temp warning and shutdown
• Low-temp warning
• LIN bus short-circuit protection to supply & ground
Power Saving
• Power-down supply current <50µA
• 5V regulator with wake-up on LIN activity
EMI compatibility
• Power drivers with slope control
Features
Applications and Benefits
AMI Semiconductor - Rev. 1.4
1
www.amis.com
Ordering Information
Part N° AMIS-30621
Package SOIC-20
Peak Current 800mA
Temp. Range -40°C…125°C
AMIS-30621 LIN Microstepping Motordriver
Data Sheet


Similar Part No. - AMIS-30621

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30621 ONSEMI-AMIS-30621 Datasheet
639Kb / 59P
Micro-Stepping Motor Driver
February, 2010 ??Rev. 4
More results

Similar Description - AMIS-30621

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3967SLB ALLEGRO-A3967SLB Datasheet
545Kb / 16P
MICROSTEPPING DRIVER WITH TRANSLATOR
logo
AMI SEMICONDUCTOR
AMIS-30622 AMI-AMIS-30622 Datasheet
2Mb / 35P
I2C Microstepping Motordriver
AMIS-30623 AMI-AMIS-30623 Datasheet
2Mb / 67P
LIN Microstepping Motordriver
AMIS-30624 AMI-AMIS-30624 Datasheet
2Mb / 56P
I2C Microstepping Motordriver
AMIS-3062X AMI-AMIS-3062X Datasheet
966Kb / 2P
Bus Microstepping Motordriver Family
logo
List of Unclassifed Man...
IM1007 ETC2-IM1007 Datasheet
384Kb / 2P
HIGH PERFORMANCE MICROSTEPPING DRIVER
logo
ATMEL Corporation
ATA663431 ATMEL-ATA663431_14 Datasheet
1Mb / 32P
LIN SBC including LIN Transceiver
ATA663454 ATMEL-ATA663454_14 Datasheet
1Mb / 32P
LIN SBC including LIN Transceiver
logo
STMicroelectronics
AN1495 STMICROELECTRONICS-AN1495 Datasheet
714Kb / 25P
Microstepping stepper motor drive
26-Sep-2012
logo
Melexis Microelectronic...
MLX81120 MELEXIS-MLX81120 Datasheet
328Kb / 2P
LIN-TO-LIN GATEWAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com