Electronic Components Datasheet Search
  English  ▼

X  

AMIS-30621 Datasheet(PDF) 34 Page - AMI SEMICONDUCTOR

Part # AMIS-30621
Description  LIN Microstepping Motordriver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-30621 Datasheet(HTML) 34 Page - AMI SEMICONDUCTOR

Back Button AMIS-30621 Datasheet HTML 30Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 31Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 32Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 33Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 34Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 35Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 36Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 37Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 38Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
9.2.3 Motordriver
9.2.3.1 Current Waveforms in the Coils
The figure below illustrates the current fed to the motor
coils by the motordriver in half-step mode.
9.2.3.2 PWM Regulation
In order to force a given current (determined by Irun or
Ihold and the current position of the rotor) through the
motor coil while ensuring high energy transfer efficiency, a
regulation based on PWM principle is used. The regulation
loop performs a comparison of the sensed output current to
an internal reference, and features a digital regulation
generating the PWM signal that drives the output switches.
The zoom over one micro-step in the figure above shows
how the PWM circuit performs this regulation.
9.2.3.3 Motor Starting Phase
At motion start, the currents in the coils are directly
switched from Ihold to Irun with a new sine/cos ratio
corresponding to the first half (or micro) step of the motion.
Whereas the figure below shows the current fed to one coil
in 1/16th microstepping (1 electrical period).
AMI Semiconductor- Rev. 1.4
34
www.amis.com
AMIS-30621 LIN Microstepping Motordriver
Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com