Electronic Components Datasheet Search
  English  ▼

X  

AMIS-30621 Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # AMIS-30621
Description  LIN Microstepping Motordriver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-30621 Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  AMIS-30621 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
AMIS-30621 LIN Microstepping Motordriver
Data Sheet
AMI Semiconductor - Rev. 1.4
3
www.amis.com
1.0 Quick Reference Data
2.0 Block Diagram
1.1 Absolute Maximum Ratings
Parameter
Min
Max
Unit
Vbb
Supply voltage
-0.3
+401
V
Vlin
Bus input voltage
-80
+80
V
Tamb
Ambient temperature under bias2
-50
+150
°C
Tst
Storage temperature
-55
+160
°C
Vesd3
Electrostatic discharge voltage on LIN pin
-4
+4
kV
Electrostatic discharge voltage on other pins
-2
+2
kV
1.2 Operating Ranges
Parameter
Min
Max
Unit
Vbb
Supply voltage
+8
+29
V
Top
Operating temperature range
Vbb ≤ 18V
-40
+125
°C
Vbb ≤ 29V
-40
+85
°C
Notes
(1) For limited time: < 0.5 s.
(2) The circuit functionality is not guaranteed.
(3) Human body model (100 pF via 1.5 kΩ, according to MIL
std. 883E, method 3015.7).
AMIS-30621 LIN Microstepping Motordriver
Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com