Electronic Components Datasheet Search
  English  ▼

X  

AMIS-30621 Datasheet(PDF) 29 Page - AMI SEMICONDUCTOR

Part # AMIS-30621
Description  LIN Microstepping Motordriver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-30621 Datasheet(HTML) 29 Page - AMI SEMICONDUCTOR

Back Button AMIS-30621 Datasheet HTML 25Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 26Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 27Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 28Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 29Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 30Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 31Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 32Page - AMI SEMICONDUCTOR AMIS-30621 Datasheet HTML 33Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
AMI Semiconductor - Rev. 1.4
29
www.amis.com
Sleep
This command is provided to the circuit by the LIN Master
to put all the Slave nodes connected to the LIN bus into
sleep mode. If this command occurs during a motion of the
motor, TagPos is reprogrammed to SecPos (provided
SecPos
is different from “100 0000 0000”), or a SoftStop
is executed before going to sleep mode. See LIN 1.2
specification and § 9.2.2.7.
The corresponding LIN frame is a Master Request
Command Frame (identifier 0x3C) with Data byte 1
containing 0x00 while the followings contain 0xFF.
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
00
1
1
1
1
0
0
0x00
0xFF
Identifier
Data1
Data2
SoftStop
If a SoftStop command occurs during a motion of the
stepper motor, it provokes an immediate deceleration to
VMIN
(see § 8.3) followed by a stop, regardless of the
position reached. Once the motor is stopped, TagPos
register is overwritten with value in ActPos register to
ensure keeping the stop position.
Note
A SoftStop command occurring during a RunInit
sequence is not taken into account.
Command SoftStop occurs in the following cases:
- The chip temperature rises above the Thermal shutdown
threshold (see § 5 and § 9.2.2.5);
- The LIN Master requests a SoftStop. Hence SoftStop
will correspond to the following 2 Data bytes LIN writing
frame (type #1).
*) according to parity computation
If Broad = ‘0’ all the stepper motors connected to the LIN
bus will stop with deceleration.
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
**
0
ID4
ID3
ID2
ID1
ID0
1
CMD[6:0] = 0x0F
Broad
AD[6:0]
Identifier
Data1
Data2
AMIS-30621 LIN Microstepping Motordriver
Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com