Electronic Components Datasheet Search
  English  ▼

X  

IPS8200HQ Datasheet(PDF) 10 Page - STMicroelectronics

Part # IPS8200HQ
Description  Octal high-side smart power solid-state relay with serial/parallel selectable interface on-chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS8200HQ Datasheet(HTML) 10 Page - STMicroelectronics

Back Button IPS8200HQ Datasheet HTML 6Page - STMicroelectronics IPS8200HQ Datasheet HTML 7Page - STMicroelectronics IPS8200HQ Datasheet HTML 8Page - STMicroelectronics IPS8200HQ Datasheet HTML 9Page - STMicroelectronics IPS8200HQ Datasheet HTML 10Page - STMicroelectronics IPS8200HQ Datasheet HTML 11Page - STMicroelectronics IPS8200HQ Datasheet HTML 12Page - STMicroelectronics IPS8200HQ Datasheet HTML 13Page - STMicroelectronics IPS8200HQ Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
4.5
Protection and diagnostic
10.5 V < VCC < 36 V; -40 °C < TJ < 125 °C; unless otherwise specified.
Table 8. Protection and diagnostic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VPGH1
Power Good diagnostic ON
threshold
16.5
17.5
18.4
V
VPGH2
Power Good diagnostic OFF
threshold
15.2
16.5
17.4
V
VPGHYS
Power Good diagnostic
hysteresis
1
V
VUSD
Undervoltage ON protection
9.5
10
V
Undervoltage OFF protection
8.4
9
VUSDHYS
Undervoltage hysteresis
0.4
0.5
V
Vdemag
Output voltage at turn-OFF
IOUT = 0.5 A; LLOAD ≥ 1 mH
VCC-52
VCC-50
VCC-45
V
VTWARN
TWARN pin low-state output
voltage
ITWARN = 3 mA (active condition)
0.6
V
VFAULT
FAULT pin low-state output
voltage
IFAULT = 3 mA (active condition)
0.6
V
VPG
PG pin low-state output
voltage
IPG = 3 mA (active condition); VREG =
3.3 V; VCC = 0
0.7
V
IPEAK
Maximum DC output
current before limitation
(IPS8200HQ)
1.4
A
Maximum DC output
current before limitation
(IPS8200HQ-1)
2.2
ILIM
Short-circuit current
limitation per channel
(IPS8200HQ)
RLOAD = 0; VCC = 24 V; TJ = 25 °C
0.7
1.1
1.7
A
Short-circuit current
limitation per channel
(IPS8200HQ-1)
1.1
1.9
2.7
Hyst
ILIM tracking limits
RLOAD = 0
0.3
A
ILFAULT
FAULT leakage current
Vopen-drain pin = 5 V
2
μA
ITWARN
TWARN leakage current
IPG
PG leakage current
TTSD
Junction shutdown
temperature
160
180
°C
TR
Junction reset temperature
160
THYST
Junction thermal hysteresis
20
TCSD
Case shutdown temperature
115
130
155
TCR
Case reset temperature
110
TCHYST
Case thermal hysteresis
20
tWD
Watchdog hold time
See Figure 12
50
ns
tWM
Watchdog time
See Table 13 and Figure 12
IPS8200HQ, IPS8200HQ-1
Protection and diagnostic
DS14313 - Rev 2
page 10/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com