Electronic Components Datasheet Search
  English  ▼

X  

IPS8200HQ Datasheet(PDF) 32 Page - STMicroelectronics

Part # IPS8200HQ
Description  Octal high-side smart power solid-state relay with serial/parallel selectable interface on-chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS8200HQ Datasheet(HTML) 32 Page - STMicroelectronics

Back Button IPS8200HQ Datasheet HTML 28Page - STMicroelectronics IPS8200HQ Datasheet HTML 29Page - STMicroelectronics IPS8200HQ Datasheet HTML 30Page - STMicroelectronics IPS8200HQ Datasheet HTML 31Page - STMicroelectronics IPS8200HQ Datasheet HTML 32Page - STMicroelectronics IPS8200HQ Datasheet HTML 33Page - STMicroelectronics IPS8200HQ Datasheet HTML 34Page - STMicroelectronics IPS8200HQ Datasheet HTML 35Page - STMicroelectronics IPS8200HQ Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Contents
1
Block diagram .....................................................................3
2
Pin connection ....................................................................4
3
Maximum ratings ..................................................................6
4
Electrical characteristics...........................................................7
4.1
Power section ................................................................. 7
4.2
SPI characteristics ............................................................. 7
4.3
Switching ..................................................................... 8
4.4
Logic inputs ................................................................... 9
4.5
Protection and diagnostic....................................................... 10
4.6
Step-down switching regulator................................................... 11
4.7
LED driving array.............................................................. 11
5
Reverse polarity protection .......................................................12
6
Demagnetization energy ..........................................................13
7
Truth table........................................................................14
8
Pin function description ..........................................................15
8.1
SPI/parallel selection mode (SEL2) .............................................. 15
8.2
Serial data in (SDI) ............................................................ 15
8.3
Serial data out (SDO) .......................................................... 15
8.4
Serial data clock (CLK)......................................................... 15
8.5
SPI server select (SS) ......................................................... 15
8.6
8/16-bit selection (SEL1) ....................................................... 16
8.7
Output enable (OUT_EN)....................................................... 16
8.8
IC warning case temperature detection (TWARN) .................................. 17
8.9
Fault indication (FAULT) ........................................................ 17
8.10
Power Good (PG) ............................................................. 17
8.11
Programmable watchdog counter reset (WD) ...................................... 17
9
SPI operation (SEL2 = H)..........................................................19
9.1
8-bit SPI mode (SEL1 = L) ...................................................... 19
9.2
16-bit SPI mode (SEL1 = H) .................................................... 19
9.3
Daisy chaining ................................................................ 20
10
LED driving array .................................................................21
11
Step-down switching regulator....................................................22
12
Thermal management.............................................................23
IPS8200HQ, IPS8200HQ-1
Contents
DS14313 - Rev 2
page 32/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com