Electronic Components Datasheet Search
  English  ▼

X  

IPS8200HQ Datasheet(PDF) 23 Page - STMicroelectronics

Part # IPS8200HQ
Description  Octal high-side smart power solid-state relay with serial/parallel selectable interface on-chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS8200HQ Datasheet(HTML) 23 Page - STMicroelectronics

Back Button IPS8200HQ Datasheet HTML 19Page - STMicroelectronics IPS8200HQ Datasheet HTML 20Page - STMicroelectronics IPS8200HQ Datasheet HTML 21Page - STMicroelectronics IPS8200HQ Datasheet HTML 22Page - STMicroelectronics IPS8200HQ Datasheet HTML 23Page - STMicroelectronics IPS8200HQ Datasheet HTML 24Page - STMicroelectronics IPS8200HQ Datasheet HTML 25Page - STMicroelectronics IPS8200HQ Datasheet HTML 26Page - STMicroelectronics IPS8200HQ Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
12
Thermal management
The power dissipation in the IC is the main factor that sets the safe operating condition of the device in the
application. Therefore, it must be very carefully considered. Furthermore, the available space on the PCB should
be chosen considering the power dissipation. Heat sinking can be achieved using copper on the PCB with proper
area and thickness. Two different protections have been implemented to guarantee the safety of the device if it
overheats due to an overloaded condition or high ambient temperature. The following flowchart explains the
functionality of these protections in detail.
Figure 18. Thermal behavior
NO
Tj(i) >Ttsd
Vin(i) = H
OUT(i) Off
STAT(i) On (L)
Tc >Tcsd
NO
YES
NO
YES
Tc >Tcr
YES
NO
Tj(i) >Tjr
YES
STAT(i) Off (H)
OUT(i) On
GIPG030420151405LM
1
2
3
4
Note:
1 Thermal shutdown
2 Junction hysteresis
3 Restore to idle condition
4 Case hysteresis
IPS8200HQ, IPS8200HQ-1
Thermal management
DS14313 - Rev 2
page 23/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com