Electronic Components Datasheet Search
  English  ▼

X  

IPS8200HQ Datasheet(PDF) 4 Page - STMicroelectronics

Part # IPS8200HQ
Description  Octal high-side smart power solid-state relay with serial/parallel selectable interface on-chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS8200HQ Datasheet(HTML) 4 Page - STMicroelectronics

  IPS8200HQ Datasheet HTML 1Page - STMicroelectronics IPS8200HQ Datasheet HTML 2Page - STMicroelectronics IPS8200HQ Datasheet HTML 3Page - STMicroelectronics IPS8200HQ Datasheet HTML 4Page - STMicroelectronics IPS8200HQ Datasheet HTML 5Page - STMicroelectronics IPS8200HQ Datasheet HTML 6Page - STMicroelectronics IPS8200HQ Datasheet HTML 7Page - STMicroelectronics IPS8200HQ Datasheet HTML 8Page - STMicroelectronics IPS8200HQ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
2
Pin connection
Figure 2. Pin connection (top through view)
Table 1. Pin description
Pin
Name
Type
Description
SPI mode
Parallel mode
1 to 8; 27 to 31; 35, 40
NC
-
Not connected.
9
SEL2
Logic input
SEL2 = H.
SEL2 = GND.
10
SEL1/IN1
Logic input
SEL1 = L or H selects the SPI 8-bits or 16-bits
option.
IN1 = L/H drives off/on the OUT1.
11
WD_EN/IN2
Logic/analog input
WD_EN = H or L enables or disables the
watchdog feature.
IN2 = L/H drives off/on the OUT2.
12
OUT_EN/IN3
Logic input
OUT_EN = L or H forces off all OUTX or enables
the control by SPI.
IN3 = L/H drives off/on the OUT3.
13
WD/IN4
Logic input
WD is the watchdog input: the internal watchdog
counter is cleared on the falling edges.
IN4 = L/H drives off/on the OUT4.
14
SDI/IN5
Logic input
Connected to the MOSI port of the MCU.
IN5 = L/H drives off/on the OUT5.
15
CLK/IN6
Logic input
Serial clock/channel 6 input.
Connected to the SPI Clock port of the MCU.
IN6 = L/H drives off/on the OUT6.
16
SS /IN7
Logic input
Connected to the GPIO port of the MCU
controlling the SPI chip select.
IN7 = L/H drives off/on the OUT7.
17
SDO/IN8
Logic input/output Connected to the MISO port of the MCU.
IN8 = L/H drives off/on the OUT8.
IPS8200HQ, IPS8200HQ-1
Pin connection
DS14313 - Rev 2
page 4/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com