Electronic Components Datasheet Search
  English  ▼

X  

ISM330BX Datasheet(PDF) 141 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 141 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 137Page - STMicroelectronics ISM330BX Datasheet HTML 138Page - STMicroelectronics ISM330BX Datasheet HTML 139Page - STMicroelectronics ISM330BX Datasheet HTML 140Page - STMicroelectronics ISM330BX Datasheet HTML 141Page - STMicroelectronics ISM330BX Datasheet HTML 142Page - STMicroelectronics ISM330BX Datasheet HTML 143Page - STMicroelectronics ISM330BX Datasheet HTML 144Page - STMicroelectronics ISM330BX Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 150 page
background image
11.7
EMB_FUNC_INT1 (0Ah) ......................................................101
11.8
FSM_INT1 (0Bh) .............................................................102
11.9
MLC_INT1 (0Dh) .............................................................103
11.10 EMB_FUNC_INT2 (0Eh) ......................................................103
11.11 FSM_INT2 (0Fh) .............................................................104
11.12 MLC_INT2 (11h) .............................................................105
11.13 EMB_FUNC_STATUS (12h) ...................................................105
11.14 FSM_STATUS (13h) ..........................................................106
11.15 MLC_STATUS (15h) ..........................................................106
11.16 PAGE_RW (17h) .............................................................107
11.17 EMB_FUNC_FIFO_EN_A (44h) ................................................107
11.18 EMB_FUNC_FIFO_EN_B (45h) ................................................108
11.19 FSM_ENABLE (46h)..........................................................108
11.20 FSM_LONG_COUNTER_L (48h) and FSM_LONG_COUNTER_H (49h) .............. 109
11.21 INT_ACK_MASK (4Bh) ....................................................... 110
11.22 FSM_OUTS1 (4Ch) .......................................................... 111
11.23 FSM_OUTS2 (4Dh) .......................................................... 112
11.24 FSM_OUTS3 (4Eh)........................................................... 113
11.25 FSM_OUTS4 (4Fh)........................................................... 114
11.26 FSM_OUTS5 (50h) ........................................................... 115
11.27 FSM_OUTS6 (51h) ........................................................... 116
11.28 FSM_OUTS7 (52h) ........................................................... 117
11.29 FSM_OUTS8 (53h) ........................................................... 118
11.30 SFLP_ODR (5Eh) ............................................................ 119
11.31 FSM_ODR (5Fh) ............................................................. 119
11.32 MLC_ODR (60h) .............................................................120
11.33 STEP_COUNTER_L (62h) and STEP_COUNTER_H (63h) .........................120
11.34 EMB_FUNC_SRC (64h).......................................................121
11.35 EMB_FUNC_INIT_A (66h).....................................................122
11.36 EMB_FUNC_INIT_B (67h).....................................................122
11.37 MLC1_SRC (70h) ............................................................123
11.38 MLC2_SRC (71h) ............................................................123
11.39 MLC3_SRC (72h) ............................................................123
11.40 MLC4_SRC (73h) ............................................................123
12
Embedded advanced features pages ............................................ 124
13
Embedded advanced features register description .............................. 126
ISM330BX
Contents
DS14588 - Rev 2
page 141/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com