Electronic Components Datasheet Search
  English  ▼

X  

ISM330BX Datasheet(PDF) 142 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 142 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 138Page - STMicroelectronics ISM330BX Datasheet HTML 139Page - STMicroelectronics ISM330BX Datasheet HTML 140Page - STMicroelectronics ISM330BX Datasheet HTML 141Page - STMicroelectronics ISM330BX Datasheet HTML 142Page - STMicroelectronics ISM330BX Datasheet HTML 143Page - STMicroelectronics ISM330BX Datasheet HTML 144Page - STMicroelectronics ISM330BX Datasheet HTML 145Page - STMicroelectronics ISM330BX Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 150 page
background image
13.1
Page 0 - embedded advanced features registers ..................................126
13.1.1
SFLP_GAME_GBIASX_L (6Eh) and SFLP_GAME_GBIASX_H (6Fh) .............. 126
13.1.2
SFLP_GAME_GBIASY_L (70h) and SFLP_GAME_GBIASY_H (71h) .............. 126
13.1.3
SFLP_GAME_GBIASZ_L (72h) and SFLP_GAME_GBIASZ_H (73h)............... 127
13.1.4
FSM_QVAR_SENSITIVITY_L (BAh) and FSM_QVAR_SENSITIVITY_L (BBh) ....... 127
13.2
Page1 - embedded advanced features registers...................................128
13.2.1
FSM_LC_TIMEOUT_L (7Ah) and FSM_LC_TIMEOUT_H (7Bh)................... 128
13.2.2
FSM_PROGRAMS (7Ch) ................................................ 128
13.2.3
FSM_START_ADD_L (7Eh) and FSM_START_ADD_H (7Fh) .................... 129
13.2.4
PEDO_CMD_REG (83h)................................................. 129
13.2.5
PEDO_DEB_STEPS_CONF (84h) ......................................... 130
13.2.6
PEDO_SC_DELTAT_L (D0h) and PEDO_SC_DELTAT_H (D1h) .................. 130
13.2.7
MLC_QVAR_SENSITIVITY_L (E8h) and MLC_QVAR_SENSITIVITY_H (E9h)........ 131
14
Soldering information........................................................... 132
15
Package information............................................................ 133
15.1
LGA-14L package information ..................................................133
15.2
LGA-14 packing information ...................................................134
Revision history ..................................................................... 136
List of tables ........................................................................ 143
List of figures........................................................................ 149
ISM330BX
Contents
DS14588 - Rev 2
page 142/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com