Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 5 Page - Analog Devices

Part # AD3552R
Description  Dual Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 5 Page - Analog Devices

  AD3552R Datasheet HTML 1Page - Analog Devices AD3552R Datasheet HTML 2Page - Analog Devices AD3552R Datasheet HTML 3Page - Analog Devices AD3552R Datasheet HTML 4Page - Analog Devices AD3552R Datasheet HTML 5Page - Analog Devices AD3552R Datasheet HTML 6Page - Analog Devices AD3552R Datasheet HTML 7Page - Analog Devices AD3552R Datasheet HTML 8Page - Analog Devices AD3552R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
Data Sheet
AD3542R
SPECIFICATIONS
analog.com
Rev. C | 5 of 66
Table 2. (Continued)
Parameter1
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Output Voltage Noise
3.2
µV rms
0.1 Hz to 10 Hz, no load on VREF
Output Voltage Noise Density
173
nV/√Hz
f = 1 kHz, no load on VREF
167
nV/√Hz
f = 10 kHz, no load on VREF
Capacitive Load Stability2
4.7
µF
Load Regulation
50
µV/mA
At 25°C
Output Current Load Capability
±8
mA
Line Regulation
142
µV/V
At 25°C
REFERENCE INPUT
Reference Current
1
μA
Reference Input Range2
VREF
2.4
2.5
2.6
V
Reference Input Impedance
3
MΩ
LOGIC INPUTS
Input Current
II
−1
+1
µA
Per pin
Input Low Voltage
VIL
0.35 ×
VLOGIC
V
Input High Voltage
VIH
0.65 ×
VLOGIC
V
Pin Capacitance
CI
4
pF
LOGIC OUTPUTS
Output Low Voltage
VOL
0.20 ×
VLOGIC
V
ISINK = 100 μA
Output High Voltage
VOH
0.80 ×
VLOGIC
V
ISOURCE = 100 μA
Pin Capacitance
CO
4
pF
POWER REQUIREMENTS
VLOGIC Pin
1.1
1.8
1.89
V
VLOGIC Current
ILOGIC
1
7.5
µA
VIH = VLOGIC × 0.9, VIL = VLOGIC × 0.1
VLOGIC Dynamic Current
ILOGIC_DYNAMIC
2
3.2
mA
SCLK = 66 MHz, dual SPI DDR, VIH = VLOGIC × 0.65, VIL
= VLOGIC × 0.35
DVDD Pin
1.71
1.8
1.89
V
DVDD Current
IDVDD
0.5
0.8
mA
DVDD Dynamic Current
IDVDD_DYNAMIC
36
40
mA
AD3542R-16, SCLK = 66 MHz, dual SPI DDR
22
25
mA
AD3542R-12, SCLK = 66 MHz, dual SPI DDR
AVDD Pin
4.75
5
5.25
V
AVDD Current
IDD
22
28.5
mA
AVDD Power-Down Current
IDD
0.6
mA
After reset, DACs powered down
AVDD Reset Current
IDD
120
µA
RESET asserted
PVDD Pin
4.75
10.6
V
PVDD Current
IPVDD
7.5
mA
10 V range full scale, load current not included
PVDD Power-Down Current
IPVDD
32
40
μA
Channel power-down bit set
PVSS Pin
PVDD −
10.6
0
V
PVSS Current6
IPVSS
6.5
mA
±5 V range zero scale, load current not included
PVSS Power-Down Current
IPVSS
32
40
μA
Channel power-down bit set
Recommended Headroom and Footroom
200
mV
See Figure 52
1 See the Terminology section.
2 Guaranteed by design and characterization, not production tested.
3 Measured at zero code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com