Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 28 Page - Analog Devices

Part # AD3552R
Description  Dual Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 28 Page - Analog Devices

Back Button AD3552R Datasheet HTML 24Page - Analog Devices AD3552R Datasheet HTML 25Page - Analog Devices AD3552R Datasheet HTML 26Page - Analog Devices AD3552R Datasheet HTML 27Page - Analog Devices AD3552R Datasheet HTML 28Page - Analog Devices AD3552R Datasheet HTML 29Page - Analog Devices AD3552R Datasheet HTML 30Page - Analog Devices AD3552R Datasheet HTML 31Page - Analog Devices AD3552R Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
Data Sheet
AD3542R
THEORY OF OPERATION
analog.com
Rev. C | 28 of 66
disabled setting the CHx_CHANNEL_POWERDOWN bit in POW-
ERDOWN_CONFIG register.
VREF
The AD3542R has an internal 2.5 V voltage reference with a
3 ppm/°C temperature coefficient that is enabled at power-up. The
VREF pin is in high impedance at power-up to avoid electrical
problems. If the internal reference must be used externally, the
REFERENCE_VOLTAGE_SEL bits in the REFERENCE_CONFIG
register must be written to enable the VREF output as described in
Table 9.
When the external reference is selected, the VREF pin behaves as
an input.
Table 9. Voltage Reference Selection
REFERENCE_VOLTAGE_SEL
Source
VREF I/O
00
Internal
Floating
01
Internal
2.5 V
10
External
Input
11
External
Input
SPI REGISTER MAP ACCESS
SPI Frame Synchronization
The CS signal frames data during an SPI transaction. A falling edge
on CS enables the digital interface and initiates an SPI transaction.
Each SPI transaction consists of at least one instruction phase and
data phase, as described in the Instruction Phase section and the
Data Phase section. For all SPI transactions, data is aligned MSB
first. Deasserting CS during an SPI transaction terminates part or
all of the data transfer and disables the digital interface. If CS is
deasserted (returned high) after one or more register addresses
are issued, those registers are written or read, but any partially
addressed register is ignored. Figure 80 and Figure 81 outline the
stages of a basic SPI write and read frame, respectively, for the
AD3542R in register mode.
Detailed timing diagrams for register read and write operations are
shown in Figure 2 through Figure 8. The timing specification is
given in the Timing Characteristics section.
The AD3542R SPI protocol is flexible and can be configured to suit
the needs of a variety of digital hosts. Data from multiple registers
can be accessed in a single SPI frame, enabling efficient device
configuration. All the different access modes are described in the
Single Instruction Mode section and the Streaming Mode section.
Instruction Phase
Every SPI frame starts with an instruction phase. The instruction
phase immediately follows the falling edge of CS that initiates the
SPI transaction.
The instruction phase consists of a read/write bit (R/W) followed
by a register address word. Setting R/W low initiates a write
instruction, whereas setting R/W high initiates a read instruction.
The register address word specifies the address of the register to
be accessed. The register address word is 7 bits in length (7‑bit
addressing) by default. If required, 15‑bit addressing can be ena-
bled by setting the SHORT_INSTRUCTION bit to 0 in the INTER-
FACE_CONFIG_B register. If the user is using single instruction
mode, each register read or write transaction in a single SPI frame
also begins with an instruction phase. If the user is using streaming
mode, only one instruction phase is required per SPI frame to
access a set of consecutive registers. See the Single Instruction
Mode section and the Streaming Mode section for instructions on
selecting and using these modes.
Data Phase
The data phase immediately follows the instruction phase, as
shown in Figure 80 and Figure 81. The data phase can include
the data for a single-byte register, a multibyte register, or multiple
registers depending on the selected registers and access modes.
See the Single Instruction Mode section, Streaming Mode section,
and Address Direction section for descriptions of how these modes
affect the read and write data in the data phase.
In a write operation, the content of the addressed register is updat-
ed immediately after the SCLK edge, which shifts in the last bit
of the register data, regardless if it is a one-byte, two-byte, or
three-byte register. Multibyte registers cannot be written partially, as
explained in the Multibyte Registers section.
In a read operation, the content of the addressed register starts
shifting out on the first SCLK edge of the data phase.
Data must be written to the AD3542R configuration registers in full
bytes to ensure they are updated. If the data phase of an SPI write
transaction does not include the entire byte of data for the register
being updated, the contents of the register are not updated, and the
CLOCK_COUNTING_ERROR bit in the INTERFACE_STATUS_A
register is set.
Figure 80. Basic SPI Write Frame
Figure 81. Basic SPI Read Frame
Multibyte Registers
Some AD3542R registers consist of 2 or 3 bytes of data stored
in adjacent addresses and are referred to as multibyte registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com