Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 1 Page - Analog Devices

Part # AD3552R
Description  Dual Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 1 Page - Analog Devices

  AD3552R Datasheet HTML 1Page - Analog Devices AD3552R Datasheet HTML 2Page - Analog Devices AD3552R Datasheet HTML 3Page - Analog Devices AD3552R Datasheet HTML 4Page - Analog Devices AD3552R Datasheet HTML 5Page - Analog Devices AD3552R Datasheet HTML 6Page - Analog Devices AD3552R Datasheet HTML 7Page - Analog Devices AD3552R Datasheet HTML 8Page - Analog Devices AD3552R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
Data Sheet
AD3542R
Dual Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
Rev. C
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
12-/16-bit resolution
►
16 MUPS single channel rate in fast mode
►
11 MUPS single channel rate in precision mode
►
78 ns small signal settling time to 0.1% accuracy
►
100 ns large signal settling time to 0.1% accuracy
►
Ultrasmall glitch: <50 pV×s
►
Ultralow latency: 5 ns
►
THD: −105 dB at 1 kHz for AD3542R-16 and −95 dB at 1 kHz for
AD3542R-12
►
5 selectable output voltage ranges
►
1.2 V and 1.8 V logic level compatible
►
Single (classic) and dual SPI modes
►
Multiple error detectors, both analog and digital domains
►
2.5 V internal voltage reference, 10 ppm/°C maximum TC
►
Small package: 4 mm × 4 mm LFCSP
APPLICATIONS
►
Instrumentation
►
Hardware in the loop
►
Process control equipment
►
Medical devices
►
Automated test equipment
►
Data acquisition system
►
Programmable voltage sources
►
Optical communications
GENERAL DESCRIPTION
The AD3542R is a low drift, dual channel, ultra-fast, 12-/16-bit ac-
curacy, voltage output digital-to-analog converter (DAC) that can be
configured in multiple voltage span ranges. The AD3542R operates
with a fixed 2.5 V reference.
Each DAC incorporates three drift compensating feedback resistors
for the internal transimpedance amplifier (TIA) that scales the
output voltage. The device has five preconfigured output voltage
ranges: 0 V to 2.5 V, 0 V to 5 V, 0 V to 10 V, −5 V to +5 V, and −2.5
V to +7.5 V.
The AD3542RBCPZ16 (hereafter referred to as AD3542R-16) can
operate in fast mode for maximum speed or precision mode for
maximum accuracy. The AD3542RBCPZ12 (hereafter referred to as
AD3542R-12) has a single operation mode.
The serial peripheral interface (SPI) can be configured in dual
synchronous SPI, dual SPI and single SPI (classic SPI) mode with
single date rate (SDR) or double data rate (DDR), with logical levels
from 1.2 V to 1.8 V.
The AD3542R is specified over the extended industrial temperature
range (–40°C to +105°C).
Table 1. Related Devices
Part No.
Description
LTC6655
0.25 ppm noise, low drift precision reference
ADR4525
Ultralow noise, high accuracy, 2.5 V voltage reference
AD3552R
Dual channel, 16-bit, 33 MUPS, multispan, multi-IO SPI DAC
AD3551R
Single channel, 16-bit, 33 MUPS, multispan, multi-IO SPI DAC
AD3541R
Single channel, 12-/16-bit, 16 MUPS, multispan, multi-IO SPI DAC
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
Analog Devices is in the process of updating documentation to provide terminology and language that is culturally appropriate. This is a process
with a wide scope and will be phased in as quickly as possible. Thank you for your patience.


Similar Part No. - AD3552R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD3552R AD-AD3552R Datasheet
3Mb / 68P
16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. A
AD3552R AD-AD3552R Datasheet
3Mb / 59P
Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
Rev. A
AD3552R AD-AD3552R Datasheet
3Mb / 70P
Dual Channel, 16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. B
AD3552RBCPZ16 AD-AD3552RBCPZ16 Datasheet
3Mb / 68P
16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. A
AD3552RBCPZ16 AD-AD3552RBCPZ16 Datasheet
3Mb / 70P
Dual Channel, 16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. B
More results

Similar Description - AD3552R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
Dual 16-bit DAC
November 1985
logo
Micro Analog systems
MAS9316 MAS-MAS9316 Datasheet
141Kb / 8P
16-BIT DAC
logo
Analog Devices
AD5689 AD-AD5689 Datasheet
2Mb / 24P
Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
logo
Texas Instruments
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
logo
Analog Devices
LTC2632 AD-LTC2632 Datasheet
518Kb / 24P
Dual 12-/10-/8-Bit SPI DAC
AD3551R AD-AD3551R Datasheet
3Mb / 60P
16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. 0
AD3552R AD-AD3552R Datasheet
3Mb / 68P
16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. A
AD3542R AD-AD3542R Datasheet
3Mb / 65P
Dual Channel, 16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
Rev. 0
AD3541R AD-AD3541R Datasheet
3Mb / 56P
Single Channel, 16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com