Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 5 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 5 Page - Analog Devices

  LT3045 Datasheet HTML 1Page - Analog Devices LT3045 Datasheet HTML 2Page - Analog Devices LT3045 Datasheet HTML 3Page - Analog Devices LT3045 Datasheet HTML 4Page - Analog Devices LT3045 Datasheet HTML 5Page - Analog Devices LT3045 Datasheet HTML 6Page - Analog Devices LT3045 Datasheet HTML 7Page - Analog Devices LT3045 Datasheet HTML 8Page - Analog Devices LT3045 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
5 of 38
(All typical specifications are at TJ (Junction Temperature) = 25°C and all min and max specifications are across
the entire operating temperature range unless otherwise noted. COUT = 22μF, CREF= 4.7μF, CBIASF = 2.2μF, RILIM =
0.8kΩ, unless otherwise noted. )
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Dropout Voltage2
VDO
VIN = VOUT(NOMINAL),
VBIAS ≥ VOUT + 1.2V,
IOUT = 1A
TJ = 25°C
30
44
mV
65
VIN = VOUT(NOMINAL),
VBIAS ≥ VOUT + 1.2V,
IOUT = 2A
TJ = 25°C
60
85
130
VIN = VOUT(NOMINAL),
VBIAS ≥ VOUT + 1.2V,
IOUT = 3A
TJ = 25°C
85
105
190
Minimum Load Current
IOUT(MIN)
VOUT ≥ 0.8V
10
mA
VOUT < 0.8V
50
Ground Pin Current
IGND
VBIAS = 5.5V, VIN = 1.5V, VOUT = 1.2V, IOUT
= 10mA
4.3
6.5
mA
VBIAS = 5.5V, VIN = 1.5V, VOUT = 1.2V, IOUT
= 3A
5.2
7
BIAS Pin Current
IBIAS
VIN = 1.5V, VOUT= 1.2V, VBIAS = 3.3V, IOUT
= 10mA
4.3
6.5
mA
VIN = 1.5V, VOUT = 1.2V, VBIAS = 3.3V, IOUT
= 3A
5.8
8
BIAS Pin Current in
Dropout2
IBIAS_DO
VBIAS = VOUT +1.2V, VIN = VOUT(NOMINAL), IOUT
= 3A
5.4
7.5
mA
VBIAS = 5.5V, VIN = VOUT(NOMINAL), IOUT = 3A
35
50
BIAS Pin Nap Mode
Current
IBIAS_NAP
VBIAS = 5.5V, EN = 0V
10
μA
IN Pin Nap Mode Current IIN_NAP
VIN = 5.5V, EN = 0V
20
170
μA
IOUT/ILIM Ratio
IOUT = 3A, VIN – VOUT = 0.2V
3000
IOUT = 1A, VIN – VOUT = 0.2V
3000
ILIM Shutdown Current
VBIAS = 5.0V, EN = 0V
5
μA
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com