Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 12 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 12 Page - Analog Devices

Back Button LT3045 Datasheet HTML 8Page - Analog Devices LT3045 Datasheet HTML 9Page - Analog Devices LT3045 Datasheet HTML 10Page - Analog Devices LT3045 Datasheet HTML 11Page - Analog Devices LT3045 Datasheet HTML 12Page - Analog Devices LT3045 Datasheet HTML 13Page - Analog Devices LT3045 Datasheet HTML 14Page - Analog Devices LT3045 Datasheet HTML 15Page - Analog Devices LT3045 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
12 of 38
8
SENSE
Kelvin Sense for OUT. The SENSE pin is the inverting input to the error amplifier.
Optimum regulation is obtained when the SENSE pin is connected to the OUT pins of
the regulator. However, in critical applications, the resistance of PCB traces between
the regulator and the load causes small voltage drops, creating a load regulation error
at the point of load. Connecting the SENSE pin to the load instead of directly to OUT
eliminates this voltage error.
9, 10, 15
GND
Ground. To ensure proper electrical and thermal performance, connect all GND pins of
the package to the PCB ground.
11
REF
Reference Filter. Bypassing the REF pin to GND with a 4.7µF capacitor decreases
output voltage noise and provides a soft-start function to the reference. ADI
recommends the use of a high-quality, low-leakage capacitor.
12
ILIM
Programmable Current Limit. The ILIM pin sources a current typically equal to
IOUT/3000. As a result, the current limit programming factor is 3A × kΩ/RILIM, where RILIM
is the resistor from ILIM to GND.
13
BIASF
Bias Filter Pin. The LT3077 requires a minimum 2.2µF bypass capacitor on this pin.
14
BIAS
Bias Supply. This pin supplies current to the internal control circuitry and the output
stage, driving the pass transistor. This pin doesn’t require any bypass capacitor. To
ensure proper operation, the BIAS voltage must satisfy the following conditions:
2.375V ≤ VBIAS ≤ 5.5V and VBIAS ≥ 1.2 + VOUT.
16, 17, 18 IN
Input Supply. The exposed pad consisting of pins 16-18 of the LFCSP-RT package are
the electrical connection to IN. These pins supply power to the high-current pass
transistor. Connect the entire IN exposed pad consisting of pins 16-18 for proper
electrical and thermal performance. The LT3077 requires a bypass capacitor at IN to
maintain stability and low input impedance over frequency. A 10µF input bypass
capacitor suffices for most battery and power plane impedances. Minimizing input
trace inductance optimizes performance. Applications with low VIN-VOUT differential
voltage and large, fast load transients may require much higher input capacitor to
prevent the input supply from drooping and allow the regulator to enter dropout.
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com