Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 27 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 27 Page - Analog Devices

Back Button LT3045 Datasheet HTML 23Page - Analog Devices LT3045 Datasheet HTML 24Page - Analog Devices LT3045 Datasheet HTML 25Page - Analog Devices LT3045 Datasheet HTML 26Page - Analog Devices LT3045 Datasheet HTML 27Page - Analog Devices LT3045 Datasheet HTML 28Page - Analog Devices LT3045 Datasheet HTML 29Page - Analog Devices LT3045 Datasheet HTML 30Page - Analog Devices LT3045 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
27 of 38
Figure 66. REF Overdriven by a Voltage Source Followed by a Resistor-Divider
When using an external voltage source with resistor-dividers, choose REXT1 and REXT2 such that REXT2 value is at most
10% of nominal RINT value to assure accuracy across process variations in RINT.
Example: Setting REF to be 1.025V with a 1.25V external reference and using resistor-dividers.
Set the VOX pins such that LT3077 selects the 1V output setting (VO0 and VO2 are Hi-Z and VO1 is GND).
For 1V setting:
������������������������(������������������������������������������) = 1������/100������������ = 10������Ω
Select:
������������������������2 = ������������������������/10 = 1������Ω
Using these values, the equation is:
������������������������2||������������������������ = 1������Ω||10������Ω = 909.0909Ω
Substituting in the above equation for VREF, the equation is:
1.025������ = 1.25������ × (
909.0909Ω
909.0909٠+ ������������������������1
) + 100µ������ × (909.0909Ω||������������������������1)
Solving for REXT1 gives REXT1 = 218.978Ω. The closest 1% resistor is 221Ω.
If overdriving the REF pin, VOUT thresholds for power good mentioned in Table 1 can no longer be guaranteed.
Enable Function – Turning ON and OFF
The EN pin enables/disables the reference, the output transistor, and disables auxiliary functions. Pulling EN low
places the regulator into Nap mode. In Nap mode, the quiescent current decreases to less than 10μA. The LT3077 has
an accurate 1.26V turn-on threshold on the EN pin with 80mV of hysteresis. This threshold can be used with a resistor-
divider from the bias supply to define an accurate UVLO threshold for the regulator. The EN pin current (IEN) at the
threshold shown in Table 1 must be considered when calculating the resistor-divider network as follows:
������������������������������(������������������������) = 1.26������ × (1 +
������������������2
������������������1
) + ������������������/������������ × ������������������2
Where:
REN1 and REN2 are the resistors from the EN pin to GND and the EN pin to BIAS pin respectively. IEN can be ignored if
REN1 is less than 100kΩ. If unused, tie the EN pin to BIAS.
51kΩ
2.2µF
4.7µF
REXT2
RINT
IINT
VEXT
OUT
BIASF
LT3077
VO2
VO1
VO0
VBIAS
IN
EN
GND
SENSE
ILIM
POWER
GOOD
BIAS
PG
REF
VIN
47µF
22µF
REXT1
806Ω
VOUT
0.5V TO 4.2V
10mA TO 3A
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com