Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 25 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 25 Page - Analog Devices

Back Button LT3045 Datasheet HTML 21Page - Analog Devices LT3045 Datasheet HTML 22Page - Analog Devices LT3045 Datasheet HTML 23Page - Analog Devices LT3045 Datasheet HTML 24Page - Analog Devices LT3045 Datasheet HTML 25Page - Analog Devices LT3045 Datasheet HTML 26Page - Analog Devices LT3045 Datasheet HTML 27Page - Analog Devices LT3045 Datasheet HTML 28Page - Analog Devices LT3045 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
25 of 38
Three trilevel input pins, VO0, VO1, and VO2, select the output voltage. Table 6 illustrates the three-bit digital word-to-
output voltage relationship resulting from setting these pins high, low, or allowing them to float. An input logic low
state is guaranteed with less than 300mV referenced to GND, and a logic high state is guaranteed with greater than
1.97V. The range between 950mV to 1.15V defines the logic Hi-Z (input floating) state. These pins may be connected
high by strapping them to VBIAS or driving them with digital ports. Pins that float may either float or require logic that
has Hi-Z output capability. This allows the output voltage to be dynamically changed if necessary.
Table 6. VOUT Selection Matrix
VOUT (V)
VO2
VO1
VO0
0.50
0
0
0
0.55
0
0
Z
0.60
0
0
1
0.65
0
Z
0
0.70
0
Z
Z
0.75
0
Z
1
0.80
0
1
0
0.85
0
1
Z
0.90
0
1
1
0.95
Z
0
0
1.00
Z
0
Z
1.05
Z
0
1
1.10
Z
Z
0
1.15
Z
Z
Z
1.20
Z
Z
1
1.30
Z
1
0
1.40
Z
1
Z
1.50
Z
1
1
1.60
1
0
0
1.70
1
0
Z
1.80
1
0
1
2.00
1
Z
0
2.50
1
Z
Z
3.00
1
Z
1
3.30
1
1
0
4.20
1
1
Z
DO NOT USE
1
1
1
0 = Low, Z = Hi-Z (Float), 1 = High
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com