Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 8 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT3045 Datasheet HTML 4Page - Analog Devices LT3045 Datasheet HTML 5Page - Analog Devices LT3045 Datasheet HTML 6Page - Analog Devices LT3045 Datasheet HTML 7Page - Analog Devices LT3045 Datasheet HTML 8Page - Analog Devices LT3045 Datasheet HTML 9Page - Analog Devices LT3045 Datasheet HTML 10Page - Analog Devices LT3045 Datasheet HTML 11Page - Analog Devices LT3045 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
8 of 38
(All typical specifications are at TJ (Junction Temperature) = 25°C and all min and max specifications are across
the entire operating temperature range unless otherwise noted. COUT = 22μF, CREF= 4.7μF, CBIASF = 2.2μF, RILIM =
0.8kΩ, unless otherwise noted. )
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Output Noise Spectral
Density4
Vn(OUT)
VOUT = 1V, IOUT =
3A, VIN = 1.3V,
VBIAS = 3.3V, COUT =
22μF
Frequency =
0.1Hz, CREF =
4.7μF
2.5
µV/√Hz
Frequency =
10Hz, CREF =
4.7μF
40
nV/√Hz
Frequency =
10Hz, CREF =
0.47μF
650
Frequency =
10kHz, CREF =
4.7μF
3.5
Frequency =
10kHz, CREF =
0.47μF
3.5
Frequency =
100kHz, CREF =
4.7μF
3.8
Frequency =
100kHz, CREF =
0.47μF
3.8
.
1
To maintain proper performance and regulation, the BIAS supply voltage must satisfy the following conditions:
2.375V ≤ VBIAS ≤ 5.5V and VBIAS ≥ (VOUT + 1.2V).
2
Dropout voltage, VDO, is the minimum input-to-output voltage differential at a specified output current. In
dropout, the output voltage equals VIN – VDO.
3
Operating conditions are limited by maximum junction temperature. The regulated output voltage specification
does not apply to all possible input and output current combinations. When operating at maximum output
current, limit the input voltage range to VIN ≤ VOUT + 600mV.
4
Adding a capacitor at the REF pin decreases output voltage noise. Adding this capacitor bypasses the REF pin
internal resistor’s thermal noise and the reference current’s noise. The output noise then equals the error
amplifier noise. The use of a REF pin bypass capacitor also increases start-up time.
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com