Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 1 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 1 Page - Analog Devices

  LT3045 Datasheet HTML 1Page - Analog Devices LT3045 Datasheet HTML 2Page - Analog Devices LT3045 Datasheet HTML 3Page - Analog Devices LT3045 Datasheet HTML 4Page - Analog Devices LT3045 Datasheet HTML 5Page - Analog Devices LT3045 Datasheet HTML 6Page - Analog Devices LT3045 Datasheet HTML 7Page - Analog Devices LT3045 Datasheet HTML 8Page - Analog Devices LT3045 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Data Sheet
LT3077
5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
©2024 Analog Devices, Inc. Al l rights rese rve d.
FEATURES
Ultra-low RMS Noise: 1.2μVRMS (10Hz to 100kHz)
Ultra-low Spot Noise: 3.5nV/√ at 10kHz
Ultra-low1/fNoise:7µVP-P from0.1Hz to 10Hz
High-Frequency PSRR: 50dB at 1MHz
Ultra-fast Transient Response
Dropout Voltage: 85mV Typical
Digitally Programmable VOUT: 0.5V to 4.2V
Output Tolerance
: ±1.5% Over Line, Load, and
Temperature
Programmable Output Current Limit: ±10% at 3A
Input Range: 0.6V to 5.5V
Stable with Ceramic Output Capacitors (10μF
Minimum)
ParallelMultipleDevicesforHigherCurrent
Precision Enable/Undervoltage Lockout (UVLO)
Power Good (PG) Flag
18-Lead (3mm × 3mm) LFCSP-RT Package
APPLICATIONS
RF Power Supplies: PLLs, VCOs, Mixers, LNAs, PAs
High Speed/High Precision Data Converters
Low Noise Instrumentation
Post-Regulator for Switching Supplies
FPGA and DSP Power Supplies
Medical Applications
GENERAL DESCRIPTION
The LT®3077 is a low voltage, ultra-low noise, and
ultra-fast transient response linear regulator. The
device supplies up to 3A with a typical dropout
voltage of 85mV. A 4.7µF reference bypass capacitor
decreases output voltage noise to 1.2µVRMS. The wide
bandwidth and high PSRR permit the use of small
ceramic capacitors, saving bulk capacitance and cost.
The LT3077 is ideal for powering high-performance
FPGAs, data converters, RF, and noise-sensitive signal
chain applications.
The output voltage is digitally selectable in 50mV
increments from 0.5V to 1.2V, 100mV increments from
1.2V to 1.8V, and discrete levels at 2V, 2.5V, 3V, 3.3V,
and 4.2V. The LT3077’s unity-gain operation provides
virtually constant output noise, PSRR, and bandwidth
independent of the programmed output voltage.
Precision current limiting allows users to minimize
input power supply size and cost. Built-in protection
includes UVLO, internal current limit, and thermal
shutdown with hysteresis. The LT3077 is available in
a compact 18-lead (3mm x 3mm) LFCSP-RT package.
SIMPLIFIED APPLICATION DIAGRAM
Figure 1. Simplified Application Diagram
Figure 2. Transient Response
VOUT = 1V
VIN = 1.3V
VBIAS = 3.3V
IOUT = 300mA TO 3A
3A/µs SLEW RATE
COUT = 10µF
5µs/DIV
VOUT
AC-COUPLED
20mV/DIV
IOUT
2A/DIV
A N A L O G D E V I C E S
C O N F I D E N T I A L


Similar Part No. - LT3045

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3045 LINER-LT3045 Datasheet
2Mb / 32P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
LT3045 LINER-LT3045 Datasheet
3Mb / 36P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
logo
Analog Devices
LT3045 AD-LT3045 Datasheet
1Mb / 37P
3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
Rev 0
LT3045 AD-LT3045 Datasheet
3Mb / 45P
Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
LT3045 AD-LT3045 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
More results

Similar Description - LT3045

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3876-ADJ NSC-LP3876-ADJ Datasheet
303Kb / 14P
3A Fast Ultra Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
uPI Group Inc.
UP8804P UPI-UP8804P Datasheet
698Kb / 15P
Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
UP8805P UPI-UP8805P Datasheet
704Kb / 14P
Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
UP8808 UPI-UP8808 Datasheet
294Kb / 16P
Ultra Low Noise, Fast Response, High PSRR 1A Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Analog Devices
LT3073 AD-LT3073 Datasheet
1Mb / 37P
3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
Rev 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com