Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 9 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT3045 Datasheet HTML 5Page - Analog Devices LT3045 Datasheet HTML 6Page - Analog Devices LT3045 Datasheet HTML 7Page - Analog Devices LT3045 Datasheet HTML 8Page - Analog Devices LT3045 Datasheet HTML 9Page - Analog Devices LT3045 Datasheet HTML 10Page - Analog Devices LT3045 Datasheet HTML 11Page - Analog Devices LT3045 Datasheet HTML 12Page - Analog Devices LT3045 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
9 of 38
ABSOLUTE MAXIMUM RATINGS
Table 2. Absolute maximum ratings
PARAMETER
RATING
IN Pin Voltage1
-0.3V to 6V
OUT Pin Voltage1
-0.3V to 6V
SENSE Pin Voltage1
-0.3V to 6V
BIAS, BIASF Pin Voltage1
-0.3V to 6V
VO0, VO1, VO2 Pin Voltage1
-0.3V to 5.5V
EN Pin Voltage1
-0.3V to 6V
ILIM Pin Voltage1
-0.3V to 6V
PG Pin Voltage1
-0.3V to 6V
REF Pin Voltage1
-0.3V to 6V
Output Short-Circuit Duration
Indefinite
Operating Junction Temperature2
-40°C to 125°C
Storage Temperature Range
-65°C to 150°C
Maximum Reflow (Package Body) Temperature
260°C
.
1
Parasitic diodes exist internally between IN, OUT, SENSE, BIAS, BIASF, VO0, VO1, VO2, EN, ILIM, PG, REF pins, and
GND. Do not drive these pins more than 0.3V below the GND pin during a fault condition. These pins must
remain at a voltage more positive than GND during normal operation.
2
The LT3077A is tested and specified under pulse load conditions such that TJ ≈ TA (ambient temperature). The
LT3077A is tested at TA = 25°C. Performance of the LT3077A over the full –40°C to 125°C operating temperature
range is assured by design, characterization, and correlation with statistical process controls. The LT3077A is
guaranteed over the full –40°C to 125°C operating junction temperature range.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
are stress ratings only, functional operation of the product at these or any other conditions above those indicated in
the operational section of this specification is not implied. Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com