Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 30 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 30 Page - Analog Devices

Back Button LT3045 Datasheet HTML 26Page - Analog Devices LT3045 Datasheet HTML 27Page - Analog Devices LT3045 Datasheet HTML 28Page - Analog Devices LT3045 Datasheet HTML 29Page - Analog Devices LT3045 Datasheet HTML 30Page - Analog Devices LT3045 Datasheet HTML 31Page - Analog Devices LT3045 Datasheet HTML 32Page - Analog Devices LT3045 Datasheet HTML 33Page - Analog Devices LT3045 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
30 of 38
BIAS/BIASF Pin Requirements
The BIAS pin supplies current to most of the internal control circuitry and the output stage, which drives the pass
transistor. The LT3077 requires a minimum 2.2μF bypass capacitor on the BIASF pin for stability and proper
operation. No bypass capacitor is needed on the BIAS pin. To ensure proper operation, the BIAS voltage must satisfy
the following conditions: 2.375V ≤ VBIAS ≤ 5.5V and VBIAS ≥ (VOUT + 1.2V). For VOUT ≤ 1.15V, the minimum BIAS voltage is
limited to 2.375V.
Load Regulation
The LT3077 corrects for a parasitic package, and PCB I-R drops when the SENSE pin is Kelvin connected to output
capacitors. The LT3077 handles moderate levels of output line impedance, but excessive impedance between VOUT
and COUT causes an excessive phase shift in the feedback loop and adversely affects stability.
PCB Layout Considerations
Given the LT3077’s high bandwidth and high PSRR, careful PCB layout must be employed to achieve full device
performance. Figure 69 shows the EVAL-LT3077-AZ evaluation board with a layout that delivers the full performance
of the regulator. Refer to the EVAL-LT3077-AZ evaluation board user guide for further details.
Figure 69. EVAL-LT3077-AZ Evaluation Board
Protection Features
The LT3077 has an internal current limit that clamps output current to 4.5A. In addition, the LT3077 has a ±10%
accurate programmable precision current limit. The die junction temperature can exceed the 125°C maximum
operating temperature if the ambient temperature is high enough. If this occurs, the LT3077 relies on an internal
thermal safety feature. Typically at 168°C, the LT3077 thermal shutdown engages and the output is shut down until
the IC temperature falls below its thermal hysteresis limit.
Externally Programmable Current Limit
The ILIM pin’s current limit threshold is 1V. Connecting a resistor from ILIM to GND sets the maximum current flowing
out of the ILIM pin, which in turn, programs LT3077’s current limit. With a 3A x kΩ programming scale factor, the
current limit can be calculated as follows:
������������������������������������������ ������������������������������ =
3������ × ������������
������������������������������
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com