Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 28 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 28 Page - Analog Devices

Back Button LT3045 Datasheet HTML 24Page - Analog Devices LT3045 Datasheet HTML 25Page - Analog Devices LT3045 Datasheet HTML 26Page - Analog Devices LT3045 Datasheet HTML 27Page - Analog Devices LT3045 Datasheet HTML 28Page - Analog Devices LT3045 Datasheet HTML 29Page - Analog Devices LT3045 Datasheet HTML 30Page - Analog Devices LT3045 Datasheet HTML 31Page - Analog Devices LT3045 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
28 of 38
BIAS Undervoltage Lockout
An internal undervoltage lockout (UVLO) comparator monitors the BIAS rail. If VBIAS drops below the UVLO threshold,
all functions shut down, the pass transistors are gated off, and output currents fall to zero. The typical BIAS pin UVLO
threshold is 2.2V on the rising edge of VBIAS. The UVLO circuit incorporates about 130mV of hysteresis on the falling
edge of VBIAS.
Power Good
The PG pin is an open-drain NMOS output that actively pulls low if EN is low or if any one of these fault modes is
detected:
VOUT is less than 93% of VOUT(NOMINAL) on the rising edge of VOUT.
VOUT is less than 90% of VOUT(NOMINAL) on the falling edge of VOUT.
VBIAS is less than its undervoltage lockout threshold.
The OUT-over-IN voltage detector activates.
Stability and Output Capacitance
The LT3077 feedback loop requires a minimum output capacitance of 10μF for stability. ADI recommends mounting
low ESR, X5R, or X7R ceramic capacitors near the LT3077 OUT and GND pins. Include wide routing planes for OUT
and GND to minimize inductance. If possible, mount the regulator immediately adjacent to the application load to
minimize distributed inductance for optimal load transient performance. Point-of-load applications present the
best-case layout scenario for extracting full LT3077 performance.
Additional ceramic capacitors distributed beyond the immediate decoupling capacitors are acceptable and
recommended at the point of the load because the distributed PCB inductance isolates them from the primary
compensation capacitors.
Many of the applications in which the LT3077 excels, such as FPGA, ASIC processor, or DSP supplies, typically require
a high-frequency decoupling capacitor network for the device being powered. This network generally consists of
many low-value ceramic capacitors in parallel. In parallel, multiple low-value capacitors present a favorable
frequency characteristic that reduces the parasitic inductance of the capacitors.
Consider the use of ceramic capacitors. Ceramic capacitors are manufactured with various dielectrics, each with
different temperatures and applied voltage behavior. The most common dielectrics are specified with EIA
temperature characteristic codes of Z5U, Y5V, X5R, and X7R. The Z5U and Y5V dielectrics are suitable for providing
high capacitances in a small package, but they tend to have strong voltage and temperature coefficients, as shown
in Figure 67 and Figure 68. When used with a 5V regulator, a 16V 10μF Y5V capacitor can exhibit an effective value as
low as 1μF to 2μF for the DC bias voltage applied and over the operating temperature range. The X5R and X7R
dielectrics result in more stable characteristics and are more suitable for use as the output capacitor.
The X7R type has better stability across temperatures, while the X5R is less expensive and is available in higher
values. Care still must be exercised when using X5R and X7R capacitors; the X5R and X7R codes only specify the
operating temperature range and maximum capacitance change over temperature. Capacitance change due to DC
bias with X5R and X7R capacitors is better than Y5V and Z5U capacitors but can still be significant enough to drop
capacitor values below appropriate levels. Capacitor DC bias characteristics tend to improve as component case size
increases but expected capacitance at operating voltage should be verified. Voltage and temperature coefficients
are not the only sources of problems. Some ceramic capacitors have a piezoelectric response. A piezoelectric device
generates a voltage across its terminals due to mechanical stress, similar to how a piezoelectric microphone works.
For a ceramic capacitor, the stress can be induced by vibrations in the system or thermal transients.
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com