Electronic Components Datasheet Search
  English  ▼

X  

MP2328 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP2328
Description  High-Efficiency, 28V, 2A, 450kHz, Synchronous Step-Down Converter In SOT583 Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2328 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP2328 Datasheet HTML 11Page - Monolithic Power Systems MP2328 Datasheet HTML 12Page - Monolithic Power Systems MP2328 Datasheet HTML 13Page - Monolithic Power Systems MP2328 Datasheet HTML 14Page - Monolithic Power Systems MP2328 Datasheet HTML 15Page - Monolithic Power Systems MP2328 Datasheet HTML 16Page - Monolithic Power Systems MP2328 Datasheet HTML 17Page - Monolithic Power Systems MP2328 Datasheet HTML 18Page - Monolithic Power Systems MP2328 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
MP2328 – 28V, 2A, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP2328 Rev. 1.0
www.MonolithicPower.com
15
12/11/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
When VSS is below VREF, VSS overrides VREF.
The error amplifier uses VSS as the reference,
and the output voltage ramps up smoothly.
Once VSS rises above VREF, the error amplifier
uses VREF as the reference. At this point, soft
start finishes, and then the device enters steady
state operation.
The SS capacitor value can estimated with
Equation (3):
SS
SS
SS
REF
t(ms) I (μA)
C(nF)
V
(3)
Note that the soft-start time is the time it takes
for the 22nF SS capacitor’s output to rise from
0% to 100%. Generally, the soft-start time is
about 1.5ms.
Over-Current Protection (OCP)
The MP2328 has a valley current limit. While
the LS-FET is on, the inductor current is
monitored. When the sensed inductor current
reaches the valley current limit, the device
enters over-current protection (OCP) mode, and
the HS-FET does not turn on again until the
valley current limit disappears. Meanwhile, the
output voltage drops until VFB falls below the FB
under-voltage (UV) threshold. Once the UV
condition is triggered, the MP2328 enters
hiccup
mode
(after
the
SS
period)
to
periodically restart the part.
During OCP, the device tries to recover from
the over-current fault with hiccup mode. In
hiccup mode, the chip disables the output
power stage, discharges the soft-start capacitor,
and then automatically tries to soft start again. If
the over-current condition remains after soft
start ends, the device repeats this operation
cycle until the over-current conditions disappear.
Then the output rises back to the regulation
level.
Power Good (PG)
The power good (PG) pin indicates whether the
output voltage is in the normal range compared
to the internal reference voltage. It is an open-
drain output that requires an external pull-up
supply. During start-up, the PG output is pulled
low.
When the output voltage is between 90% and
112% of the internal reference voltage and soft
start is finished, the power good signal is pulled
high. If the output voltage is below 84% after
soft start finishes, the PG signal stays low.
When the output voltage exceeds 112% of the
internal reference, PG switches low. The PG
signal pulls high once the output voltage drops
below 106% of the internal reference voltage.
The PG output is pulled low if the following
protections are triggered: EN under-voltage
lockout (UVLO), over-current protection (OCP),
or over-temperature protection (OTP).
If PG is pulled up to an external voltage, PG
does not de-assert (logic low) if VIN drops below
0.8V. If PG is pulled up to VOUT, the PG signal
de-asserts (logic low) if VIN drops below 0.8V.
On Time (tON) Extension
To improve dropout, the MP2328 is designed to
extend its on time (tON) when the duty cycle
exceeds 92%. When the HS-FET on time is
extended, the frequency drops. The typical
minimum frequency is 250kHz. The frequency
cannot drop below 250kHz.
Pre-Biased Start-Up
The MP2328 is designed for monotonic start-up
into pre-biased loads. If the output is pre-biased
to a certain voltage during start-up, the BST
voltage is refreshed and charged. The voltage
on the soft-start capacitor is also charged. If the
BST voltage exceeds its rising threshold
voltage, and VSS exceeds the sensed output
feedback voltage at the FB pin, the part starts
switching normally.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own under-voltage lockout (UVLO)
protection, with a rising threshold of 2.62V and
a hysteresis of 130mV. VIN regulates the
bootstrap capacitor voltage internally through
D1, M1, C3, L1, and C2 (see Figure 2). If (VIN -
VSW) exceeds 5V, U1 regulates M1 to maintain
a 5V BST voltage across C3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com