Electronic Components Datasheet Search
  English  ▼

X  

MP2328 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2328
Description  High-Efficiency, 28V, 2A, 450kHz, Synchronous Step-Down Converter In SOT583 Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2328 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2328 Datasheet HTML 12Page - Monolithic Power Systems MP2328 Datasheet HTML 13Page - Monolithic Power Systems MP2328 Datasheet HTML 14Page - Monolithic Power Systems MP2328 Datasheet HTML 15Page - Monolithic Power Systems MP2328 Datasheet HTML 16Page - Monolithic Power Systems MP2328 Datasheet HTML 17Page - Monolithic Power Systems MP2328 Datasheet HTML 18Page - Monolithic Power Systems MP2328 Datasheet HTML 19Page - Monolithic Power Systems MP2328 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
MP2328 – 28V, 2A, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP2328 Rev. 1.0
www.MonolithicPower.com
16
12/11/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
5V
C3
Figure 2: Internal Bootstrap Charger
Start-Up and Shutdown
If both VIN and EN exceed their respective
thresholds, the chip starts. The reference block
starts first, generating a stable reference
voltage and currents, and then the internal
converter is enabled. The converter provides a
stable supply for the remaining circuits.
Three events can shut down the chip: EN going
low, VIN going low, and thermal shutdown. The
shutdown procedure starts by initially blocking
the signaling path to avoid any fault triggering.
Then the internal supply rail is pulled down.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures. If
the silicon die temperature exceeds 150°C, the
whole chip shuts down. When the temperature
falls below its lower threshold (typically 130°C),
the chip is enabled again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com