Electronic Components Datasheet Search
  English  ▼

X  

MP2328 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP2328
Description  High-Efficiency, 28V, 2A, 450kHz, Synchronous Step-Down Converter In SOT583 Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2328 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP2328 Datasheet HTML 15Page - Monolithic Power Systems MP2328 Datasheet HTML 16Page - Monolithic Power Systems MP2328 Datasheet HTML 17Page - Monolithic Power Systems MP2328 Datasheet HTML 18Page - Monolithic Power Systems MP2328 Datasheet HTML 19Page - Monolithic Power Systems MP2328 Datasheet HTML 20Page - Monolithic Power Systems MP2328 Datasheet HTML 21Page - Monolithic Power Systems MP2328 Datasheet HTML 22Page - Monolithic Power Systems MP2328 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
MP2328 – 28V, 2A, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP2328 Rev. 1.0
www.MonolithicPower.com
19
12/11/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PCB Layout Guidelines
Proper layout of the switching power supplies is
very important and critical for proper function.
Poor layout design can result in poor line or
load regulation and stability issues. For the best
results, refer to Figure 4 and follow the
guidelines below:
1. Place the high current paths (GND, VIN,
and SW) as close to the device as possible
with short, direct, and wide traces.
2. Place the input capacitor as close to VIN
and GND as possible (it is recommended to
be within 1mm ).
3. Place the external feedback resistors next
to FB.
4. Keep the switching node (SW) short, and
route it away from the feedback network.
1
2
1
2
1
2
1
2
2
RT
CIN1
CIN2
COUT1
COUT2
L
Via
Top Layer Pad
Top Layer Solid
Bottom Layer Line
Bottom Layer Solid
Figure 4: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com